công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74457268 bảng dữ liệu(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 74457268
Giải thích chi tiết về linh kiện  POWER-CHOKE WE-PD 4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74457268 bảng dữ liệu(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74457268 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74457268 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74457268 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
15,5 ± 0,1
mm
B
20,0 ± 0,1
mm
C
2,00 min.
mm
D
1,55 ± 0,05
mm
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
14,2 ± 0,1
mm
I
7,95 ± 0,1
mm
J
22,4 ± 0,1
mm
T
0,50 ± 0,05
mm
W
32,0 ± 0,3
mm
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 2,0
mm
MST
2004-10-11
Name
Datum / date
Rollenspezifikation / Reel specification:
Änderung / modification
Version 1
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Würth Elektronik
............................................................................
........................................................
............................................................................
..................................................................................
Datum / date
Unterschrift / signature
Gurtspezifikation / Tape specification:
Freigabe erteilt / general release:
Kunde / customer
SMD-SPEICHERDROSSEL WE-PD 4
POWER-CHOKE WE-PD 4
DATUM / DATE : 2004-10-11
Artikelnummer / part number :
74457268
Spezifikation für Freigabe / specification for release
Kunde / customer :
øD
A
B
H
W
G
F
E
C
I
J
T
Ø c
a
d
b
feeding direction
150°
The force for tearing off cover tape is
20 to 70 grams in arrow direction
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as
aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network
etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic
equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It
is essential to give consideration when to install a protective circuit at the design stage.
RoHS
compliant
LF
SEITE 3 VON 3


Số phần tương tự - 74457268

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7445720 WURTH-7445720 Datasheet
161Kb / 3P
   POWER-CHOKE WE-PD 4
74457212 WURTH-74457212 Datasheet
161Kb / 3P
   POWER-CHOKE WE-PD 4
74457215 WURTH-74457215 Datasheet
161Kb / 3P
   POWER-CHOKE WE-PD 4
74457218 WURTH-74457218 Datasheet
161Kb / 3P
   POWER-CHOKE WE-PD 4
74457222 WURTH-74457222 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
More results

Mô tả tương tự - 74457268

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74458220 WURTH-74458220 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
7445510 WURTH-7445510 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD 4
7445610 WURTH-7445610 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
7445640 WURTH-7445640 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
74457006 WURTH-74457006 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74458122 WURTH-74458122 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
74458168 WURTH-74458168 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
74457008 WURTH-74457008 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457010 WURTH-74457010 Datasheet
161Kb / 3P
   POWER-CHOKE WE-PD 4
74457027 WURTH-74457027 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457115 WURTH-74457115 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com