công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HUFA75639S3ST bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor |
|
HUFA75639S3ST bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor |
3 / 7 page CAPACITANCE SPECIFICATIONS Input Capacitance CISS VDS = 25V, VGS = 0V, f = 1MHz (Figure 12) - 2000 - pF Output Capacitance COSS - 500 - pF Reverse Transfer Capacitance CRSS -65 - pF Electrical Specifications TC = 25 oC, Unless Otherwise Specified PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS Source to Drain Diode Specifications PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS Source to Drain Diode Voltage VSD ISD = 56A - - 1.25 V Reverse Recovery Time trr ISD = 56A, dISD/dt = 100A/µs - - 110 ns Reverse Recovered Charge QRR ISD = 56A, dISD/dt = 100A/µs - - 320 nC Typical Performance Curves FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE TC, CASE TEMPERATURE ( oC) 0 0 25 50 75 100 150 0.2 0.4 0.6 0.8 1.0 1.2 125 175 TC, CASE TEMPERATURE ( oC) 0 10 20 30 40 50 60 25 50 75 100 125 150 175 0.01 0.1 1 10-5 10-4 10-3 10-2 10-1 100 101 SINGLE PULSE t, RECTANGULAR PULSE DURATION (s) 2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZθJC x RθJC + TC PDM t1 t2 DUTY CYCLE - DESCENDING ORDER 0.5 0.2 0.1 0.05 0.01 0.02 HUFA75639S3ST_F085A ©2012 Fairchild Semiconductor Corporation HUFA75639S3ST_F085A Rev. C1 |
Số phần tương tự - HUFA75639S3ST |
|
Mô tả tương tự - HUFA75639S3ST |