công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD24AN06LA0 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FDD24AN06LA0
Giải thích chi tiết về linh kiện  N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD24AN06LA0 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FDD24AN06LA0_11 Datasheet HTML 1Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 2Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 3Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 4Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 5Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 6Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 7Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDD24AN06LA0_F085
N-Channel Logic Level PowerTrench® MOSFET
60V, 36A, 24mΩ
Features
•rDS(ON) = 20mΩ (Typ.), VGS = 5V, ID = 36A
•Qg(tot) = 16nC (Typ.), VGS = 5V
• Low Miller Charge
•Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 83547
Applications
• Motor / Body Load Control
• ABS Systems
• Powertrain Management
• Injection Systems
• DC-DC converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 12V and 24V systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certificatio
n.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
60
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
40
A
Continuous (TC = 25
oC, V
GS = 10V)
Continuous (TC = 25
oC, V
GS = 5V)
36
A
Continuous (TC = 100
oC, V
GS = 5V)
25
A
Continuous (TA = 25
oC, V
GS = 5V, R
θJA = 52
oC/W)
7.1
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
32
mJ
PD
Power dissipation
75
W
Derate above 25
oC0.5
W/
oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-252
2.0
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in
2 copper pad area
52
oC/W
D
G
S
GATE
SOURCE
DRAIN (FLANGE)
TO-252AA
FDD SERIES
• RoHS Compliant
FDD24AN06LA0_F085 Rev. C1
August 2011


Số phần tương tự - FDD24AN06LA0_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
More results

Mô tả tương tự - FDD24AN06LA0_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
FDN5632N_F085 FAIRCHILD-FDN5632N_F085 Datasheet
267Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
FDD5810-F085 FAIRCHILD-FDD5810-F085 Datasheet
454Kb / 7P
   N-Channel Logic Level Trench MOSFET 60V, 36A, 27m
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDC637BNZ FAIRCHILD-FDC637BNZ Datasheet
403Kb / 6P
   N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 6.2A, 24m廓
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com