công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN424C bảng dữ liệu(PDF) 8 Page - Fairchild Semiconductor

tên linh kiện FIN424C
Giải thích chi tiết về linh kiện  20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN424C bảng dữ liệu(HTML) 8 Page - Fairchild Semiconductor

Back Button FIN424C Datasheet HTML 2Page - Fairchild Semiconductor FIN424C Datasheet HTML 3Page - Fairchild Semiconductor FIN424C Datasheet HTML 4Page - Fairchild Semiconductor FIN424C Datasheet HTML 5Page - Fairchild Semiconductor FIN424C Datasheet HTML 6Page - Fairchild Semiconductor FIN424C Datasheet HTML 7Page - Fairchild Semiconductor FIN424C Datasheet HTML 8Page - Fairchild Semiconductor FIN424C Datasheet HTML 9Page - Fairchild Semiconductor FIN424C Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN424C / FIN425C • Rev. 1.0.0
8
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tOSC-RES
Oscillator Stabilization Time After
Reset
VDDA=VDDS=2.75V
/STBY=1, /RES
↑ Transition
30
50
µs
AC Reset and Standby Timing
tSTRB-RES
/RES after last STRBn
t
STRB-RES
STRB
/STBY
/RES
t
STRB- STBY
t
STRB-RES
STRB
/STBY
/RES
t
STRB- STBY
0
ns
tSTRB-STBY
Standby Time After Last Strobe
200
ns
tVDD-SKEW
Allowed Power up Skew between
VDDP and VDDA/S
t
VDD-SKEW
STRB
/STBY
/RES
VDDP
VDDA/S
t
VDD-RES
t
RES-STBY
t
OSC-STBY
t
VDD-SKEW
STRB
/STBY
/RES
VDDP
VDDA/S
t
VDD-RES
t
RES-STBY
t
OSC-STBY
-∞
+∞
ms
tVDD-RES
Minimum Reset Low Time After
VDD Stable
20
µs
tRES-STBY
/STBY Wait Time After
/RES
20
µs
Note
:
7.
Characterized, but not production tested.


Số phần tương tự - FIN424C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schurter Inc.
FIN SCHURTER-FIN Datasheet
399Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 67
logo
Quelighting Corp
FIN-RB-25 QUELIGHTING-FIN-RB-25 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RB-50 QUELIGHTING-FIN-RB-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RBW-25 QUELIGHTING-FIN-RBW-25 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
More results

Mô tả tương tự - FIN424C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
logo
National Semiconductor ...
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
logo
Fairchild Semiconductor
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Maxim Integrated Produc...
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
MAX9223 MAXIM-MAX9223_V01 Datasheet
238Kb / 15P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
2007
MAX9223 MAXIM-MAX9223 Datasheet
271Kb / 13P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
Rev 0; 10/05
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com