công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FIN224CMLX bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor |
|
FIN224CMLX bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor |
1 / 9 page October 2009 © 2009 Fairchild Semiconductor Corporation www.fairchildsemi.com FIN224C • Rev. 1.0.9 FIN224C 24-Bit Low-Power Serializer/Deserializer Features Data & Control Bits 24 Frequency 20MHz Capability HVGA Interface Microcontroller / RGB µController Usage I86 & m68 Dynamic Current 17mA at 10Mhz Standby Current 10µA Core Voltage (VDDA/S) 2.5V to 3.3V I/O Voltage (VDDP) 1.65V to 3.6V ESD 15KV (IEC) Package MLP-40 (6 x 6mm) Ordering Information FIN224CMLX, MLP-40 Related Resources For samples and questions, please contact: interface@fairchildsemi.com. Description The FIN224C μSerDes™ is a low-power serializer/ deserializer (μSerDes™) that can help minimize the cost and power of transferring wide signal paths. Through the use of serialization, the number of signals transferred from one point to another can be significantly reduced. Typical reduction is 5:1 for unidirectional paths. Through the use of differential signaling, shielding and EMI filters can also be minimized, further reducing the cost of serialization. The differential signaling is also important for providing a noise-insensitive signal that can withstand radio and electrical noise sources. Major reduction in power consumption allows minimal impact on battery life in mobile applications. It is possible to use a single Phase-Locked Loop (PLL) for most applications, including bi-directional operation. Applications Slider, Folder, and Clamshell Mobile Handsets GSM and CDMA Phones Typical Application Deserializer + - + - Serializer Baseband + - + - 2 2 70-130 Ohms Built-in voltage translation Main Display Simple Interface Internal Termination Deserializer + - + - Serializer Baseband + - + - 2 2 70-130 Ohms Built-in voltage translation Main Display Simple Interface Internal Termination Figure 1. Mobile Phone Example |
Số phần tương tự - FIN224CMLX |
|
Mô tả tương tự - FIN224CMLX |