công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74451133 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
74451133 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 3 page Bezeichnung : description : A mm Bmm Cmm Dmm Emm Fmm Gmm @@FRM 1@@ Marking = Letter code Eigenschaften / properties Wert / value Einheit / unit tol. Induktivität / inductance DC-Widerstand / DC-resistance DC-Widerstand / DC-resistance Nennstrom / rated current Sättigungsstrom / saturation current Eigenres.-Frequenz / self-res.-fequency 33% Umgebungstemperatur / temperature: +20°C Sockel / Base It is recommended that the temperature of the part does MST 2009-02-09 SST 2005-06-21 MST 2004-10-11 MST 2004-06-03 Name Datum / date Keramik/ ceramic Version 1 Version 4 Version 5 Änderung / modification 1,27 ref. 3,05 ref. 4,32 ref. Typ S Version 7 1,0 ref. 2,92 max. 4,45 max. 6,60 max. Würth Elektronik ............................................................................... not exceed 125 °C under worst case operating conditions Endoberfläche / finishing electrode 100% Au Betriebstemp. / operating temperature: -40°C - +125°C µH Freigabe erteilt / general release: Kunde / customer G Eigenschaften / granted properties: D Prüfgeräte / test equipment: E Testbedingungen / test conditions: typ. C Lötpad / soldering spec.: B Elektrische Eigenschaften / electrical properties: Umgebungstemp. / ambient temperature: -40°C - +85°C 20,00 SRF Basismaterial / base material: Draht / wire: HP 4274 A für/for L und/and Q @ 20°C http://www.we-online.com Datum / date .............................................................................. Unterschrift / signature Kontrolliert / approved Würth Elektronik eiSos GmbH & Co. KG D-74638 Waldenbug · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Geprüft / checked .............................................................................. ............................................................................... Spezifikation für Freigabe / specification for release DATUM / DATE : 2009-02-09 max. A Testbedingungen / test conditions 0,600 max. Ω 0,190 ± 20% SPEICHERDROSSEL WE-PD 3 POWER-CHOKE WE-PD 3 Artikelnummer / part number : Kunde / customer : 74451133 A Mechanische Abmessungen / dimensions: 100 kHz / 0,1V @ 20°C L 33,00 RDC typ ΔT= 40 K RDC max Luftfeuchtigkeit / humidity: IDC 0,114 MHz Ω typ. typ. 2SFBW 155° C HP 34401 A für/for I DC und/and RDC Ferrit / ferrite F Werkstoffe & Zulassungen / material & approvals: Isat |ΔL/L|<10% 0,150 A [mm] 6,86 3,56 1,40 4,06 B C A F D E D G 111 X SEITE 1 VON 3 |
Số phần tương tự - 74451133 |
|
Mô tả tương tự - 74451133 |