công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74279392 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 74279392
Giải thích chi tiết về linh kiện  WE-PBF Flat Wire High Current SMD Ferrite Bead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74279392 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74279392 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279392 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279392 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279392 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279392 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279392 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6.2
6.1
6.0
5.0
4.0
REV
2012-09-27
2012-06-27
2012-06-21
2012-04-10
2007-10-01
DATE
SSt
SSt
SSt
SSt
SMu
BY
SMu
SSt
SMu
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PBF Flat Wire High Current SMD Ferrite
Bead
Order.- No.
74279392
SIZE
A4
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Impedance @ 25 MHz
Impedance @ 100 MHz
Rated current
DC Resistance
Test conditions
25 MHz
100 MHz
ΔT = 40K
Z
Z
IR
RDC
Value
65
98
6.0
0.9
Unit
Ω
Ω
A
Ω
Tol.
±25%
±25%
max.
max.
E General information:
Do not use this part beyond the Rated Current, as this will create
excessive heat and can harm the component
Storage Temperature (on Tape & Reel): -20°C to +60°C
Operating Temperature: -55°C to +125°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
glued version
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 74279392

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74279390 WURTH-74279390 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
74279391 WURTH-74279391 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
More results

Mô tả tương tự - 74279392

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7427932 WURTH-7427932 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
74279391 WURTH-74279391 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
7427931 WURTH-7427931 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
7427930 WURTH-7427930 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
74279390 WURTH-74279390 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
7427934 WURTH-7427934 Datasheet
694Kb / 7P
   WE-PBF Flat Wire High Current SMT Ferrite Bead
003.000
7427933 WURTH-7427933 Datasheet
690Kb / 7P
   WE-PBF Flat Wire High Current SMT Ferrite Bead
002.000
744316560 WURTH-744316560 Datasheet
561Kb / 5P
   WE-HCI SMD Flat Wire High Current
7443082015 WURTH-7443082015 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
74435580680 WURTH-74435580680 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com