công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74272590 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 74272590
Giải thích chi tiết về linh kiện  SPLIT FLAT FERRITE (assembled)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74272590 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74272590 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74272590 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bezeichnung :
description :
A
45,0 ± 0,5
mm
B
2,0 ± 0,8
mm
C
13,0 +0,0/-1,0
mm
D
28,5 ± 0,6
mm
E
34,0 +0,8/-0,0
mm
@@FRM 1@@
Eigenschaften /
properties
Wert / value
Einheit / unit
Tol.
Impedanz @ 1 Wg./
impedance @ 1 turn
Impedanz @ 1 Wg./
impedance @ 1 turn
Impedanz @ 2 Wg./
impedance @ 2 turn
Impedanz @ 2 Wg./
impedance @ 2 turn
33%
+ 20°C
+150°C
26 pol.
SMU
Update
06-09-29
SSt
Update Tape
05-11-16
SST
Update tolerances
05-06-27
LF
RoHS update
04-10-11
JH
Neugestaltung
00-12-06
Name
Änderung / modification
Datum / date
Kunde / customer
Freigabe erteilt / general release:
C
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
G Eigenschaften / general specifications:
Betriebstemp. / operating temperature: -25°C ~ +125°C
F Werkstoffe & Zulassungen / material & approvals:
4 W 620
für Flachbandkabel / for flat cable [max]:
Lagertemperatur / storage temperature: -55°C ~ + 125°C
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2006-09-29
Ω
Datum / date
........................................................................
Unterschrift / signature
Kontrolliert / approved
Testbedingungen /
test conditions
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Z
Ω
Basismaterial / base material:
Curietemperatur / curie temperature:
Kunde / customer :
74272590
BLOCKKERN GETEILT (konfektioniert)
SPLIT FLAT FERRITE (assembled)
Artikelnummer / part number :
A Mechanische Abmessungen / dimensions:
Ω
± 25%
97
Ω
Z
D Prüfgeräte / test equipment:
HP 4191 B für/for Z und/and material
16092A - Klemme / clamp
Z
........................................................................
..................................................................................
..................................................................................
Würth Elektronik
Z
194
AWG26 -
ø 0,5mm - Länge/length:
165 mm
100 MHz
25 MHz
± 25%
Klebetape /
adhesive tape
SEITE 1 VON 2


Số phần tương tự - 74272590

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7427259 WURTH-7427259 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
74272591 WURTH-74272591 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
74272592 WURTH-74272592 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
74272593 WURTH-74272593 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
74272594 WURTH-74272594 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
More results

Mô tả tương tự - 74272590

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7427259 WURTH-7427259 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
74272591 WURTH-74272591 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
74272595 WURTH-74272595 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
74272592 WURTH-74272592 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
74272594 WURTH-74272594 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
74272596 WURTH-74272596 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
74272593 WURTH-74272593 Datasheet
67Kb / 2P
   SPLIT FLAT FERRITE (assembled)
742725 WURTH-742725 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
7427250 WURTH-7427250 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
7427253 WURTH-7427253 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com