công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB214A bảng dữ liệu(PDF) 9 Page - Summit Microelectronics, Inc.

tên linh kiện SMB214A
Giải thích chi tiết về linh kiện  High-power, Three-channel Programmable DC-DC System Power Managers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUMMIT [Summit Microelectronics, Inc.]
Trang chủ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214A bảng dữ liệu(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMB214A_10 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB214A_10 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB214A_10 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB214A_10 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB214A_10 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB214A_10 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB214A_10 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB214A_10 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB214A_10 Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.2 9/17/2010
9
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Error Amplifier
AVOL
Open loop voltage Gain
At DC
60
dB
BW
Frequency bandwidth
At AVOL = 0 dB
30
MHz
ISOURCE
Output source current
At 0.5V
20
µA
ISINK
Output sink current
At 0.5V
800
µA
Output Block
VOUT
Voltage set point range.
100% Maximum Duty cycle
VBATT= 4.2V, ILOAD=0
VOUT = VBATT x (duty cycle)
0.5
4.2
V
VBATT= 6.0V, ILOAD=0
VOUT = VBATT x (duty cycle)
0.5
6.0
∆VOUT
Output accuracy, Note 1
Commercial temperature range
-2.5
+2.5
%
Industrial temperature range
-2.5
+2.5
RDRVH
HSDRV ON resistance
Output high
2
Output low
2
RDRVL
LSDRV ON resistance
Output high
2
Output low
2
VCOMP1
Feedback voltage reference
COMP1 pin
Programmable in 4mV steps
1.0
V
D.C.
100% Max Duty Cycle
High Duty Cycle
100
%
Low Duty Cycle
35
90% Max Duty Cycle
High Duty Cycle
70
Low Duty Cycle
0
Logic Levels
VIH
Input high voltage
0.7 x
VDD_CAP
6.0
V
VIL
Input low
0
0.3 x
VDD_CAP
V
VOL
Open drain outputs
ISINK = 1mA
0
0.4
V


Số phần tương tự - SMB214A_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Summit Microelectronics...
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
   High-power, Three-channel Programmable DC-DC System Power Managers
More results

Mô tả tương tự - SMB214A_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Summit Microelectronics...
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
   Five Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
   Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
   Seven-Channel Programmable DC-DC Power Manager
logo
B&K Precision Corporati...
PVS10005 BK-PVS10005 Datasheet
727Kb / 6P
   High Power Programmable DC Power Supplies
logo
Summit Microelectronics...
SMB211 SUMMIT-SMB211 Datasheet
34Kb / 1P
   Programmable Power Managers with Digital Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com