công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1903EVAL2Z bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISL1903EVAL2Z
Giải thích chi tiết về linh kiện  Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1903EVAL2Z bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ISL1903EVAL2Z Datasheet HTML 5Page - Intersil Corporation ISL1903EVAL2Z Datasheet HTML 6Page - Intersil Corporation ISL1903EVAL2Z Datasheet HTML 7Page - Intersil Corporation ISL1903EVAL2Z Datasheet HTML 8Page - Intersil Corporation ISL1903EVAL2Z Datasheet HTML 9Page - Intersil Corporation ISL1903EVAL2Z Datasheet HTML 10Page - Intersil Corporation ISL1903EVAL2Z Datasheet HTML 11Page - Intersil Corporation ISL1903EVAL2Z Datasheet HTML 12Page - Intersil Corporation ISL1903EVAL2Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISL1903
9
FN8285.1
September 20, 2012
RAMP
RAMP Sink Current Device Impedance
IRAMP = 10 mA
-
-
20
RAMP to PWM Comparator Offset
TA = +25°C
181
235
287
mV
Input Bias Current
VRAMP = 0.3V
-1.0
-
1.0
µA
PULSE WIDTH MODULATOR
PWM Restart Delay Range
8V < VDD< 26V
0.2
-
2.0
µs
PWM Restart Cycle Delay
RDELADJ = 20.0k, 8V < VDD< 26V
240
280
320
ns
RDELADJ = 210k, 8V < VDD< 26V
2.00
2.20
2.40
μs
Maximum Frequency Clamp
8V < VDD< 26V, RAMP = 2V,
RRAMP = 100Ω
0.8
1.0
1.2
MHz
Minimum Frequency Clamp
8V < VDD< 26V, RRAMP = 23KΩ
20
25
31
kHz
Minimum On Time
8V < VDD< 26V, FB = 1V, AC = 2V,
RAMP = 0V
173
-
246
ns
VERR to PWM Gain
8V < VDD< 26V
-
0.200
-
V/V
SS to PWM Gain
8V < VDD< 26V
-
0.222
-
V/V
ERROR AMPLIFIER
Input Common Mode (CM) Range
(Note 8)
0
-
3.4
V
GBWP
(Note 8)
1.9
-
-
MHz
VERR VOL
IVERR = 6mA, 8V < VDD< 26V
-
-
0.950
V
VERR VOH
IVERR = 1mA (Ext. pull-up),
SS complete
3.90
4.00
4.20
V
Open Loop Gain
(Note 8)
70
-
-
dB
Offset Voltage (VOS)
8V < VDD< 26V
-7.5
-
7.5
mV
Input Bias Current
8V < VDD< 26V
-1.0
-
1.0
µA
CURRENT SENSE (CS+)
Zero Current Detection (CrCM) Threshold, Falling
8V < VDD< 26V
6
18
30
mV
Input Bias Current
8V < VDD< 26V
-1.0
-
1.0
µA
AC DETECTOR
Input Bias Current
8V < VDD< 26V
-50
-
50
nA
Detection Threshold, Falling
8V < VDD< 26V, ACPEAK = 100mV
19
32
51
mV
Detection Threshold Hysteresis
8V < VDD< 26V
-
23
-
mV
Input Operating Range
8V < VDD< 26V
0
-
4.00
V
Clamp Voltage
IACDETECT = 1.0mA
6.8
-
7.6
V
EA Reference Input Range
8V < VDD< 26V
0
-
0.538
V
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram -
ISL1903” on page 2 and “Typical Application schematics” beginning on page 3. VDD = 17V, RRAMP = 54kΩ, CRAMP = 470pF, TA = -40°C to
+125°C, Typical values are at TA = +25°C; Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS


Số phần tương tự - ISL1903EVAL2Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL1903EVAL2Z RENESAS-ISL1903EVAL2Z Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
More results

Mô tả tương tự - ISL1903EVAL2Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
   Mains Dimmable Liner LED Driver
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
   Mains Dimmable Liner LED Driver
logo
Shenzhen Huazhimei Semi...
HM9912 HMSEMI-HM9912 Datasheet
601Kb / 5P
   DC or AC input LED driver
logo
NXP Semiconductors
AN10952 PHILIPS-AN10952_15 Datasheet
265Kb / 40P
   SSL2103 flexible, mains-dimmable LED driver
Rev. 1-24 December 2010
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
AN10754 PHILIPS-AN10754_15 Datasheet
214Kb / 37P
   SSL2101 and SSL2102 dimmable mains LED driver
Rev. 4.1-5 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com