công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7447012 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7447012
Giải thích chi tiết về linh kiện  WE-FI Leaded Toroidal Line Choke
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447012 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447012 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447012 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447012 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447012 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7.1
7.0
6.0
REV
2012-06-27
2012-05-03
2009-12-01
DATE
SSt
SSt
CZ
BY
SSt
CZ
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-FI Leaded Toroidal Line Choke
Order.- No.
7447012
SIZE
A4
A Dimensions: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated Current
DC Resistance
Test conditions
10 kHz / 5 mA
∆T = 40 K
L
IR
RDC
Value
110
2.0
0.07
Unit
µH
A
Ω
Tol.
±20%
max.
max.
E General information:
It is recommended that the temperature of the part does not exceed 105°C un-
der worst case operating conditions.
Ambient temperature: -40°C to +65°C (refering to IR)
Operating temperature: -40°C to +105°C
Storage temperature (in tray packaging): -20°C to +40°C; 75% RH max.
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 7447012

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7447010 WURTH-7447010 Datasheet
368Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447011 WURTH-7447011 Datasheet
366Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447013 WURTH-7447013 Datasheet
372Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447014 WURTH-7447014 Datasheet
362Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447015 WURTH-7447015 Datasheet
370Kb / 4P
   WE-FI Leaded Toroidal Line Choke
More results

Mô tả tương tự - 7447012

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7447050 WURTH-7447050 Datasheet
372Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447051 WURTH-7447051 Datasheet
372Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447014 WURTH-7447014 Datasheet
362Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447017 WURTH-7447017 Datasheet
373Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447021 WURTH-7447021 Datasheet
356Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447028 WURTH-7447028 Datasheet
358Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447030 WURTH-7447030 Datasheet
402Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447036 WURTH-7447036 Datasheet
349Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447037 WURTH-7447037 Datasheet
344Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447076 WURTH-7447076 Datasheet
417Kb / 4P
   WE-FI Leaded Toroidal Line Choke
7447070 WURTH-7447070_15 Datasheet
840Kb / 5P
   WE-FI Leaded Toroidal Line Choke
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com