công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7445510 bảng dữ liệu(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7445510
Giải thích chi tiết về linh kiện  POWER-CHOKE WE-PD 4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7445510 bảng dữ liệu(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7445510 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7445510 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7445510 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
A
4,40 ± 0,1
mm
B
8,00 ± 0,1
mm
C
16,0 ± 0,3
mm
D
1,50 ± 0,1
mm
E
2,00 ± 0,1
mm
F
1,75 ± 0,1
mm
G
7,50 ± 0,1
mm
H
6,75 ± 0,1
mm
I
3,20 ± 0,1
mm
T
0,30 ± 0,05
mm
a
330,0 ± 0,5
mm
b
20,20 ± 0,2
mm
+ 0,5
- 1,0
d
100,0 ± 0,2
mm
MST
09-02-09
MST
04-10-11
Name
Datum / date
Spezifikation für Freigabe / specification for release
I Rollenspezifikation / Tape and reel specification :
Gurtspezifikation / Tape specification:
Kunde / customer :
Artikelnummer / part number :
7445510
DATUM / DATE : 2009-02-09
SPEICHERDROSSEL WE-PD 4
POWER-CHOKE WE-PD 4
..............................................................................
...............................................................................
Version 1
Version 2
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Kontrolliert / approved
Änderung / modification
http://www.we-online.de
Freigabe erteilt / general release:
Kunde / customer
..............................................................................
...............................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Würth Elektronik eiSos GmbH & Co. KG
mm
13,00
c
Rollenspezifikation / Reel specification:
I
H
T
Ø c
a
d
b
A
B
C
G
F
E
øD
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for sa
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3


Số phần tương tự - 7445510

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74455115 WURTH-74455115 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD 4
74455122 WURTH-74455122 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD 4
74455122 WURTH-74455122 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74455122 WURTH-74455122_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74455133 WURTH-74455133 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD 4
More results

Mô tả tương tự - 7445510

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74458220 WURTH-74458220 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
7445610 WURTH-7445610 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
7445640 WURTH-7445640 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
74457006 WURTH-74457006 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74458122 WURTH-74458122 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
74458168 WURTH-74458168 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
74457008 WURTH-74457008 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457010 WURTH-74457010 Datasheet
161Kb / 3P
   POWER-CHOKE WE-PD 4
74457027 WURTH-74457027 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457115 WURTH-74457115 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com