công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7427246 bảng dữ liệu(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7427246
Giải thích chi tiết về linh kiện  STAR-FLAT Snap Ferrite with safety key technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427246 bảng dữ liệu(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427246 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427246 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427246 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427246 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6.1
6.0
5.0
REV
2012-06-27
2012-04-26
2007-01-25
DATE
SSt
SSt
SMu
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
STAR-FLAT Snap Ferrite with safety key
technology
Order.- No.
7427246
SIZE
A4
D2 General Properties:
Cable diameter
Ferrite core
Ferrite core
Ferrite core
Plastic housing
Plastic housing
Test cable
Test cable
Properties
Number of poles
Material
Initial permeability
Curie temperature
Colour
Flammability Classification
Applicable cable
Applicable cable length
µi
TC
Value
26
4 W 620
620
150°C
Grey
UL94-V0
AWG26
165
Unit
°C
mm
Tol.
typ.
typ.
F Typical Impedance Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 7427246

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74272469 WURTH-74272469 Datasheet
457Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
More results

Mô tả tương tự - 7427246

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74272475 WURTH-74272475 Datasheet
436Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74272479 WURTH-74272479 Datasheet
443Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
742724759 WURTH-742724759 Datasheet
437Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
7427247 WURTH-7427247 Datasheet
438Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74272469 WURTH-74272469 Datasheet
457Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74272485 WURTH-74272485 Datasheet
463Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
742724859 WURTH-742724859 Datasheet
467Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74272489 WURTH-74272489 Datasheet
477Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
7427248 WURTH-7427248 Datasheet
482Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
7427153 WURTH-7427153 Datasheet
509Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com