công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ISA069V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ISA069V1
Giải thích chi tiết về linh kiện  3 A / 1.5 MHz step-down synchronous switching regulator based on the ST1S31 in DFN 3x3 package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA069V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA069V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA069V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA069V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA069V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
April 2012
Doc ID 022882 Rev 1
1/4
4
STEVAL-ISA069V1
3 A / 1.5 MHz step-down synchronous switching regulator based on
the ST1S31 in DFN 3x3 package
Data brief
Features
4 A peak output current
From 2.8 V to 5.5 V input voltage
Output voltage adjustable from 0.8 V
1.5 MHz switching frequency
Internal soft-start and enable
Integrated 60 m
Ωand 45 mΩpower MOSFETs
All ceramic capacitors
Power Good (POR)
Cycle-by-cycle current limiting
Current foldback short-circuit protection
RoHS compliant
Description
The STEVAL-ISA069V1 demonstration board is
based on the ST1S31, which is an internally
compensated 1.5 MHz fixed-frequency PWM
synchronous step-down regulator. This device
operates from 2.8 V to 5.5 V input, while it
regulates an output voltage as low as 0.8 V and
up to Vin.
The peak current mode control with internal
compensation delivers a very compact solution
with a minimum component count.
www.st.com


Số phần tương tự - STEVAL-ISA069V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
   6 W single output SMPS demonstration board
February 2009 Rev 1
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
   6 W dual output SMPS demonstration board based on the VIPER17
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
   6 W dual output SMPS demonstration board based on the VIPER17
STEVAL-ISA063V2 STMICROELECTRONICS-STEVAL-ISA063V2 Datasheet
82Kb / 4P
   Power save mode at light load
December 2011 Rev 1
STEVAL-ISA067V1 STMICROELECTRONICS-STEVAL-ISA067V1 Datasheet
204Kb / 4P
   Dual step-down controller with auxiliary voltages demonstration board based on the PM6681A for industrial system power
More results

Mô tả tương tự - STEVAL-ISA069V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA070V1 STMICROELECTRONICS-STEVAL-ISA070V1 Datasheet
300Kb / 4P
   3 A / 1.5 MHz step-down synchronous switching regulator based on the ST1S31 in SO-8 package
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
   1.5 A step-down switching regulator based on the L5973AD
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
   1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
   1.5 A step-down switching regulator demonstration board based on the L5983
March 2009 Rev 1
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-ISA099V1 STMICROELECTRONICS-STEVAL-ISA099V1 Datasheet
296Kb / 4P
   3 A step-down switching demonstration board based on the L7986 in DFN10 package
April 2012 Rev 1
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
   3 A step-down switching demonstration board based on the L7986A in HSOP8 package
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
   3 A step-down switching regulator evaluation board based on the L5987
March 2017 Rev 1
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com