công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ISA058V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ISA058V1
Giải thích chi tiết về linh kiện  5 W single output SMPS demonstration board based on the VIPer17 off-line high voltage converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA058V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA058V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA058V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA058V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA058V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
August 2009
Doc ID 16146 Rev 1
1/4
4
STEVAL-ISA058V1
5 W single output SMPS demonstration board
based on the VIPer17 off-line high voltage converter
Features
Input voltage range: 90 VAC to 265 VAC_RMS
Output voltage: 5 V
Maximum output current: 1 A
RoHS compliant
Description
The STEVAL-ISA058V1 demonstration board is a
5 W off-line power supply designed as an
evaluation platform for the VIPer17 offline high
voltage converter.
The VIPer17 features an 800 V rugged power
section, PWM control, two levels of overcurrent
protection, overvoltage and overload protection,
hysteretic thermal protection, soft-start and safe
auto-restart after fault condition removal. Burst
mode operation and the very low consumption of
the device help to meet standby energy saving
regulations. Advance frequency jittering reduces
EMI filter cost. A brown-out function protects the
switch mode power supply when the rectified
input voltage level is below the normal minimum
level specified for the system. A high voltage
startup circuit is embedded in the device.
STEVAL-ISA058V1
www.st.com


Số phần tương tự - STEVAL-ISA058V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA050V1 STMICROELECTRONICS-STEVAL-ISA050V1 Datasheet
158Kb / 4P
   Monolithic VR for chipset and DDR2/3 demonstration board based on the PM6641
STEVAL-ISA051V1 STMICROELECTRONICS-STEVAL-ISA051V1 Datasheet
152Kb / 4P
   Complete DDR2/3 memory power supply controller evaluation board based on the PM6670S
STEVAL-ISA051V2 STMICROELECTRONICS-STEVAL-ISA051V2 Datasheet
131Kb / 4P
   Latched OVP, UVP and thermal shutdown
March 2008 Rev 1
STEVAL-ISA052V1 STMICROELECTRONICS-STEVAL-ISA052V1 Datasheet
123Kb / 4P
   Negative current limit
November 2010 Rev 1
STEVAL-ISA052V2 STMICROELECTRONICS-STEVAL-ISA052V2 Datasheet
137Kb / 4P
   Negative current limit
May 2008 Rev 1
More results

Mô tả tương tự - STEVAL-ISA058V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
   6 W dual output SMPS demonstration board based on the VIPER17
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
   6 W dual output SMPS demonstration board based on the VIPER17
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
   Demonstration board on 7 W single output based on the VIPer17
AN2753 STMICROELECTRONICS-AN2753 Datasheet
1Mb / 31P
   6 W single-output VIPer17 demonstration board
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
   6 W single output SMPS demonstration board
February 2009 Rev 1
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
   300 W photovoltaic converter demonstration board based on the SPV1020
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
   4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
   Wide range single-output demonstration board based on the VIPER06HS
January 2013 Rev 1
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
   Wide range single-output demonstration board based on the VIPER37LE
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
   Wide-range single-output demonstration board based on the VIPER26HN
December 2012 Rev 1
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com