công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ISA049V2 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ISA049V2
Giải thích chi tiết về linh kiện  Synchronous dual buck converter with inhibit demonstration board based on the ST2S06B
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA049V2 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA049V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA049V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA049V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA049V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
July 2009
Doc ID 15977 Rev 1
1/4
4
STEVAL-ISA049V2
Synchronous dual buck converter with inhibit
demonstration board based on the ST2S06B
Features
Step-down current mode PWM (1.5 MHz)
DC-DC converter
Fixed or adjustable output voltage from 0.8 V
2% DC output voltage tolerance
Synchronous rectification
Inhibit function
Internal soft start for start-up current limitation
and power ON delay of 50-100 µs
Typical efficiency: > 90%
0.5 A output current capability
Non-switching quiescent current: max 1 mA
overtemperature range
RDS(on) 150 mΩ (typ.)
Uses tiny capacitors and inductors
RoHS compliant
Description
This demonstration board is based on the
ST2S06B, a dual synchronous step-down DC-DC
converter optimized for powering low-voltage
digital cores in ODD applications and, generally,
used to replace the high current linear solution
when the power dissipation may cause a high
heating of the application environment.
It provides up to 0.5 A over an input voltage range
of 2.5 V to 5.5 V.
A high switching frequency (1.5 MHz) allows the
use of tiny surface-mount components. A resistor
divider to set the output voltage value, an inductor
and two capacitors are required for every channel.
In addition, a low output ripple is guaranteed by
the current mode PWM topology and by the use
of low ESR surface-mount ceramic capacitors.
The demoboard is thermal protected and current
limited to prevent damage due to accidental short-
circuit.
STEVAL-ISA049V2
www.st.com


Số phần tương tự - STEVAL-ISA049V2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA049V1 STMICROELECTRONICS-STEVAL-ISA049V1 Datasheet
172Kb / 4P
   Synchronous rectification
July 2009 Rev 1
More results

Mô tả tương tự - STEVAL-ISA049V2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA046V2 STMICROELECTRONICS-STEVAL-ISA046V2 Datasheet
92Kb / 4P
   2 A / 3.3 V high-efficiency synchronous buck converter evaluation board based on the ST1S09 with inhibit
STEVAL-ISA046V1 STMICROELECTRONICS-STEVAL-ISA046V1 Datasheet
80Kb / 4P
   2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09 with inhibit
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
   1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
STEVAL-ISA043V2 STMICROELECTRONICS-STEVAL-ISA043V2 Datasheet
84Kb / 4P
   1.5 A /1.2 V high-frequency synchronous buck converter demonstration board based on the ST1S06
STEVAL-ISA077V1 STMICROELECTRONICS-STEVAL-ISA077V1 Datasheet
96Kb / 4P
   High efficiency synchronous rectifier step-up converter demonstration board based on the L6920DB
STEVAL-ISA077V2 STMICROELECTRONICS-STEVAL-ISA077V2 Datasheet
102Kb / 4P
   High efficiency synchronous rectifier step-up converter demonstration board based on the L6920D
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
   300 W photovoltaic converter demonstration board based on the SPV1020
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com