công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ISA036V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ISA036V1
Giải thích chi tiết về linh kiện  5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA036V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA036V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA036V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA036V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA036V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
February 2009
Rev 1
1/4
4
STEVAL-ISA036V1
5 W wide range SMPS demonstration board for metering and motor
control based on the ESBT® STC04IE170HP
Features
Rectified minimum input voltage
Vinmin=200 V
Rectified maximum input voltage
Vinmax=1200 V
Isolated output voltage Vout1=15 V / 66 mA
Primary side ground output voltage Vout2=5 V
/ 0.6 A
Primary side ground output voltage
Vout3=15 V / 66 mA
Maximum output power Pout=5 W
Converter efficiency @ Vindc=400 V, max load
> 65%
Description
This demonstration board implements a universal
input power supply design for metering and motor
drives applications. It has three outputs: two 15 V
outputs, one of which is isolated and the other has
a primary side ground. There is also a third 5 V
output, which is often used to supply the
microcontroller.
The design is based on the L6565 PWM driver
and the STC04IE170HP, as the main switch.
The design method, however, can also be applied
to an SMPS for other applications working on a
tri-phase mains, and can easily be upgraded for
higher output power.
To achieve very high efficiency, despite the wide
input voltage range, an active start-up network
has been mounted on the board.
For more information regarding the design of an
auxiliary power supply using ESBT
®
in flyback
quasi-resonant (QR) topology with the L6565,
refer to application notes AN2254 and AN2528.
For base driving network design, refer to AN2454.
STEVAL-ISA036V1
www.st.com


Số phần tương tự - STEVAL-ISA036V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
   6 W 3-phase SMPS for metering evaluation board
December 2007 Rev 1
STEVAL-ISA032V1 STMICROELECTRONICS-STEVAL-ISA032V1 Datasheet
160Kb / 5P
   60 W forward converter demonstration board for fiscal cash register based on the L5991 and STP10NK60Z
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
   55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
STEVAL-ISA034V1 STMICROELECTRONICS-STEVAL-ISA034V1 Datasheet
158Kb / 4P
   10 W 3-phase auxiliary power supply based on the L6565 and STW3N150
STEVAL-ISA035V1 STMICROELECTRONICS-STEVAL-ISA035V1 Datasheet
94Kb / 4P
   Integrated short-circuit protection
January 2010 Rev 2
More results

Mô tả tương tự - STEVAL-ISA036V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
   4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
AN2844 STMICROELECTRONICS-AN2844 Datasheet
1Mb / 37P
   15 W wide range SMPS for metering
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
   80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
   6 W dual output SMPS demonstration board based on the VIPER17
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
   6 W dual output SMPS demonstration board based on the VIPER17
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
   Wide range single-output demonstration board based on the VIPER06HS
January 2013 Rev 1
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
   Wide range single-output demonstration board based on the VIPER37LE
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
   Wide-range single-output demonstration board based on the VIPER26HN
December 2012 Rev 1
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
   55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
STEVAL-IHM029V1 STMICROELECTRONICS-STEVAL-IHM029V1 Datasheet
147Kb / 4P
   2000 W universal motor control demonstration board based on the STM8S103F2 MCU and T1235H Triac
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com