công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ILL039V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ILL039V1
Giải thích chi tiết về linh kiện  Step-up current controller for 2 LEDs based on the STLDC08 driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL039V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL039V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL039V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL039V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL039V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2011
Doc ID 018912 Rev 1
1/4
4
STEVAL-ILL039V1
Step-up current controller for 2 LEDs
based on the STLDC08 driver
Features
Input voltage: 0.8 V to 3.6 V
Output : 2 LEDs at ILED = 200 mA
Dimming mode with external PWM signal
RoHS compliant
Description
The purpose of the STEVAL-ILL039V1
demonstration board is to provide an example for
applications of an LED driver using the step-up
controller STLDC08.
The STLDC08 is designed for handheld
equipment supplied by AA or AAA batteries and
provides a precise constant current starting from
a variable input voltage source.
The LED current is set by an external sense
resistor inserted between the feedback pin (FB)
and GND.
A regulation loop holds the voltage drop at the
sense resistor at a constant level (100 mV typ.).
STEVAL-ILL039V1
www.st.com


Số phần tương tự - STEVAL-ILL039V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ILL039V2 STMICROELECTRONICS-STEVAL-ILL039V2 Datasheet
208Kb / 4P
   Dimming mode with external PWM signal
November 2011 Rev 1
More results

Mô tả tương tự - STEVAL-ILL039V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-TLL013V1 STMICROELECTRONICS-STEVAL-TLL013V1 Datasheet
103Kb / 4P
   5-channel (2 LEDs in series per channel) step-up white LED driver demonstration board based on the STLED25
STEVAL-SPIN3204 STMICROELECTRONICS-STEVAL-SPIN3204 Datasheet
4Mb / 8P
   Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
Rev 1 - May 2019
STEVAL-ILL031V1 STMICROELECTRONICS-STEVAL-ILL031V1 Datasheet
145Kb / 6P
   Digital constant-current controller for LED driving based on the STM8S208x
STEVAL-TLL011V1 STMICROELECTRONICS-STEVAL-TLL011V1 Datasheet
221Kb / 4P
   Driver for up to 40 white LEDs for mid-sized LCD display backlight based on the STLD41
May 2012 Rev 2
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
   Offline constant current LED driver based on the VIPer17
logo
Advanced Analogic Techn...
AAT1271 ANALOGICTECH-AAT1271 Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
AAT1271A ANALOGICTECH-AAT1271A Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
AAT1270 ANALOGICTECH-AAT1270 Datasheet
724Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
logo
Maxim Integrated Produc...
MAX1698 MAXIM-MAX1698_07 Datasheet
167Kb / 8P
   High-Efficiency Step-Up Current Regulator for LEDs
Rev 2; 2/07
MAX1698 MAXIM-MAX1698 Datasheet
234Kb / 8P
   High-Efficiency Step-Up Current Regulator for LEDs
Rev 0; 1/00
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com