công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ILL029V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ILL029V1
Giải thích chi tiết về linh kiện  Front panel demonstration board based on the STLED325 and STM8S
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL029V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL029V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL029V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL029V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL029V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL029V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL029V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ILL029V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2010
Doc ID 17668 Rev 1
1/7
7
STEVAL-ILL029V1
Front panel demonstration board
based on the STLED325 and STM8S
Features
4-digit, 7-segment (with decimal point) LED
display
8 discrete LEDs
8 front panel keys for control of channel,
brightness and board functions
Bi-color power/standby LED
Interrupt indicator LED (blinks with interrupt)
Potentiometer for adjusting display brightness
Demo mode available
Easily extendable to multi-format remote
control operation (only RC5 supported
currently)
Embedded in-circuit programming using SWIM
interface for the STM8S
RoHS compliant
Description
The STEVAL-ILL029V1 front panel demonstration
board provides an evaluation platform for the
STLED325 advanced LED controller driver, and
the STM8S 8-bit microcontroller as I2C master.
The features of the STLED325 that this front
panel application demonstrates include key
scanning, RTC, IR decoding, and standby
management. These features are required to
address the market segment for DVD players,
DVD recorders, set-top boxes, washing machines
and many others, while keeping system costs as
low as possible.
The system can be operated using the front panel
keys mounted on the board, or by remote control.
System I/Os are handled completely by the
STLED325, with minimal load on the host
processor.
STEVAL-ILL029V1
www.st.com


Số phần tương tự - STEVAL-ILL029V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ILL020V1 STMICROELECTRONICS-STEVAL-ILL020V1 Datasheet
258Kb / 5P
   LCD panels backlight demonstration board based on the LED7706
STEVAL-ILL021V1 STMICROELECTRONICS-STEVAL-ILL021V1 Datasheet
257Kb / 5P
   LCD panels backlight demonstration board based on the LED7707
STEVAL-ILL025V1 STMICROELECTRONICS-STEVAL-ILL025V1 Datasheet
345Kb / 4P
   RoHS compliant
August 2009 Rev 1
STEVAL-ILL026V1 STMICROELECTRONICS-STEVAL-ILL026V1 Datasheet
145Kb / 4P
   LED open circuit protection
December 2009 Rev 2
STEVAL-ILL028V1 STMICROELECTRONICS-STEVAL-ILL028V1 Datasheet
302Kb / 7P
   RGB LED driver for color displays and backlighting based on the STP1612PW05 and STM32
More results

Mô tả tương tự - STEVAL-ILL029V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ICB008V1 STMICROELECTRONICS-STEVAL-ICB008V1 Datasheet
136Kb / 6P
   Touch-sensing software library demonstration board based on the STM8S
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
   Graphic panel demonstration board based on the STM32
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
   MEMS microphone demonstration board based on the MP34DT01 and STM32
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
   MEMS microphone demonstration board based on the MP34DB01 and STM32
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
   MEMS microphone demonstration board based on the MP45DT02 and STM32
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
   Four-layer demonstration board based on the STA333IS
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com