công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7427134 bảng dữ liệu(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7427134
Giải thích chi tiết về linh kiện  WE-NCF Ferrite Ring Core with Nylon Clamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427134 bảng dữ liệu(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427134 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427134 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427134 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427134 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.1
5.0
4.0
REV
2012-06-27
2012-05-02
2007-01-30
DATE
SSt
SSt
KSC
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-NCF Ferrite Ring Core with Nylon
Clamp
Order.- No.
7427134
SIZE
A4
D2 General Properties:
Cable diameter
Ferrite core
Ferrite core
Ferrite core
Plastic housing
Test cable
Test cable
Properties
Cable diameter
Material
Initial permeability
Curie temperature
Flammability Classification
Applicable cable
Applicable cable length
µi
TC
Value
≤15.8
4 W 620
620
150
UL94-V0
AWG26
165
Unit
mm
°C
mm
Tol.
typ.
typ.
F Typical Impedance Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 7427134

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74271308 WURTH-74271308 Datasheet
467Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
74271318 WURTH-74271318 Datasheet
474Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
7427132 WURTH-7427132 Datasheet
465Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
7427133 WURTH-7427133 Datasheet
461Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
74271358 WURTH-74271358 Datasheet
458Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
More results

Mô tả tương tự - 7427134

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74271318 WURTH-74271318 Datasheet
474Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
74271358 WURTH-74271358 Datasheet
458Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
7427133 WURTH-7427133 Datasheet
461Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
7427132 WURTH-7427132 Datasheet
465Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
74271378 WURTH-74271378 Datasheet
466Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
logo
TDK Electronics
ZCAT10D TDK-ZCAT10D Datasheet
151Kb / 13P
   Clamp Filters (Ferrite Core with Case)
ZCAT2035-0930A-BK TDK-ZCAT2035-0930A-BK Datasheet
369Kb / 5P
   Clamp Filters (Ferrite Core with Case) For cable
logo
Wurth Elektronik GmbH &...
7427225 WURTH-7427225 Datasheet
459Kb / 4P
   WE-FLAT Flat Ferrite Core
7427226 WURTH-7427226 Datasheet
446Kb / 4P
   WE-FLAT Flat Ferrite Core
7427228 WURTH-7427228 Datasheet
430Kb / 4P
   WE-FLAT Flat Ferrite Core
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com