công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-IFP001V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-IFP001V1
Giải thích chi tiết về linh kiện  8-channel high-side driver demonstration board with the VN808CM-E
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP001V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP001V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
June 2012
Doc ID 12723 Rev 2
1/4
4
STEVAL-IFP001V1
8-channel high-side driver demonstration board
with the VN808CM-E
Data brief
Features
Compatible with existing ST tools (CANIC10,
ARMIC30…, etc.)
8 output channels + 1 feedback channel
(diagnostic - status)
CMOS compatible signals allow direct
connection to a microcontroller
Outputs and diagnostic status indicated by
LEDs
EMC immunity proof 4 kV level EFT (IEC
61000-4-4), 2 kV voltage surge (IEC 61000-
4-5)
RoHS compliant
Description
The STEVAL-IFP001V1 demonstration board
implements the functions of the VN808CM-E, an
8-channel high-side driver with CMOS compatible
voltage levels in industrial applications, and is
developed using VIPower M0-3 proprietary
technology. The VN808CM-E completes the
series of octal high-side drivers for the factory
automation market.
It is intended for driving any kind of load with one
side connected to ground and can be driven by
using a 3.3 V logic supply. Active current
limitation, combined with thermal shutdown and
automatic restart, protects the device against
overload.
The STEVAL-IFP001V1 is compliant with
international electromagnetic compatibility (EMC)
specifications as well as EMC immunity proof
4 kV level EFT (IEC 61000-4-4), and 2 kV voltage
surge (IEC 61000-4-5), and has been tested at
different typical ambient temperatures. It is
suitable for use in programmable logic controllers
to produce the related digital outputs according to
IEC standards.
The STEVAL-IFP001V1 is also based on the
SM15T33A, a unidirectional Transil™ diode.
www.st.com


Số phần tương tự - STEVAL-IFP001V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-IFP002V1 STMICROELECTRONICS-STEVAL-IFP002V1 Datasheet
258Kb / 4P
   High Side Driver - 8 Channel based on VN808
STEVAL-IFP004V1 STMICROELECTRONICS-STEVAL-IFP004V1 Datasheet
121Kb / 4P
   Digital input termination PCLT2
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
   High side driver demonstration board based on the VN751PT
STEVAL-IFP007V1 STMICROELECTRONICS-STEVAL-IFP007V1 Datasheet
185Kb / 4P
   16-bit PLC digital input card demonstration board based on the SCLT3
STEVAL-IFP008V1 STMICROELECTRONICS-STEVAL-IFP008V1 Datasheet
77Kb / 4P
   Demonstration board for the CLT3-4B current limited termination
More results

Mô tả tương tự - STEVAL-IFP001V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-IFP00V1 STMICROELECTRONICS-STEVAL-IFP00V1 Datasheet
84Kb / 4P
   8 channel high side driver reference board with VN808CM
UM0575 STMICROELECTRONICS-UM0575 Datasheet
727Kb / 20P
   The e-STARTER demonstration board
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
   High side driver demonstration board based on the VN751PT
STEVAL-ISQ007V1 STMICROELECTRONICS-STEVAL-ISQ007V1 Datasheet
122Kb / 4P
   High-side current-sense amplifier demonstration board based on the TSC101
February 2009 Rev 1
STEVAL-CCA009V1 STMICROELECTRONICS-STEVAL-CCA009V1 Datasheet
109Kb / 5P
   High performance stereo headphone driver demonstration board based on the TS4601B
logo
Cirrus Logic
CDB1610-8W CIRRUS-CDB1610-8W Datasheet
2Mb / 21P
   8 Watt Demonstration Board
CDB1611A-8W CIRRUS-CDB1611A-8W Datasheet
1Mb / 21P
   8 Watt Demonstration Board
CDB1610A-8W CIRRUS-CDB1610A-8W Datasheet
1Mb / 21P
   8 Watt Demonstration Board
logo
STMicroelectronics
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
   LED resonant driver demonstration board based on the L6585DE
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
   demonstration board using the VIPer16LN
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com