công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7427023 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7427023
Giải thích chi tiết về linh kiện  Split EMI Suppression Ferrite Ring Core
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427023 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427023 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427023 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427023 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427023 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4.0
3.0
REV
2012-09-18
2004-10-11
DATE
SSt
LF
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
Split EMI Suppression Ferrite Ring Core
Order.- No.
7427023
SIZE
A4
A Dimensions: [mm]
B Applicable Cable Diameter: [mm]
D Electrical Properties:
Properties
Impedance @ 25 MHz 1 turn
Impedance @ 100 MHz 1 turn
Impedance @ 25 MHz 2 turns
Impedance @ 100 MHz 2 turns
Test conditions
25 MHz
100 MHz
25 MHz
100 MHz
Z
Z
Z
Z
Value
56
114
231
472
Unit
Ω
Ω
Ω
Ω
Tol.
±25%
±25%
±25%
±25%
E General information:
Storage Temperature (before assembly): -20°C to +60°C
Operating Temperature: -25°C to +125°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 7427023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7427020 WURTH-7427020 Datasheet
413Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427021 WURTH-7427021 Datasheet
414Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427022 WURTH-7427022 Datasheet
422Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427024 WURTH-7427024 Datasheet
433Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427025 WURTH-7427025 Datasheet
417Kb / 4P
   Split EMI Suppression Ferrite Ring Core
More results

Mô tả tương tự - 7427023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7427020 WURTH-7427020 Datasheet
413Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427025 WURTH-7427025 Datasheet
417Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427026 WURTH-7427026 Datasheet
418Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427027 WURTH-7427027 Datasheet
424Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427022 WURTH-7427022 Datasheet
422Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427024 WURTH-7427024 Datasheet
433Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427021 WURTH-7427021 Datasheet
414Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427028 WURTH-7427028 Datasheet
423Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427055 WURTH-7427055 Datasheet
399Kb / 4P
   Multi-Aperture EMI Suppression Core
7427054 WURTH-7427054 Datasheet
405Kb / 4P
   Multi-Aperture EMI Suppression Core
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com