công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L152-EVAL bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
STM32L152-EVAL bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
1 / 3 page Data brief For further information contact your local STMicroelectronics sales office. January 2011 Doc ID 18342 Rev 1 1/3 3 STM32L152-EVAL STM32L152-EVAL evaluation board Features ■ Four 5 V power supply options: –Power jack – ST-LINK/V2 USB connector – User USB connector – Daughterboard ■ Audio speaker and microphone connected to DAC and ADC of STM32L152VBT6 ■ 2 GByte or more SPI interface MicroSD CardTM ■ I2C compatible serial interface temperature sensor ■ RS-232 communication ■ IrDA transceiver ■ JTAG and trace debug support, ST-LINK/V2 embedded. ■ 240x320 TFT color LCD connected to SPI interface of STM32L152VBT6 ■ Joystick with 4-direction control and selector ■ Reset button ■ Tamper or Key button ■ 4 color user LEDs and 3 LEDs as MCU power range indicator ■ MCU consumption measurement circuit ■ LCD glass 32 x 4 segments connected to LCD controller in STM32L152VBT6 ■ Extension connector for daughterboard or wrapping board ■ MCU voltage choice of 3.3 V or adjustable from 1.65 V to 3.6 V ■ USB FS connector ■ Two touch sensing buttons ■ Light dependent resistor (LDR) ■ Potentiometer Description The STM32L152-EVAL evaluation board is a complete demonstration and development platform for STMicroelectronics’ ARM cortex-M3 core-based STM32L152VBT6 microcontroller supporting two I2C, two SPI and three USART channels, 12-bit ADC, 12-bit DAC, 16 KB internal SRAM and 128 KB Flash, USB FS, LCD controller, touch sensing and JTAG debugging support. www.st.com |
Số phần tương tự - STM32L152-EVAL |
|
Mô tả tương tự - STM32L152-EVAL |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |