công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8-SK bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
STM8-SK bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
4 / 6 page Ordering information STM8-SK/RAIS STM8-D/RAIS ST7-SK/RAIS ST7-D/RAIS 4/6 Doc ID 11271 Rev 5 Ordering information REva starter kits and Raisonance development tools can be ordered from Raisonance or from your nearest ST Distributor or sales office. REva starter kits based on the same mother/daughterboard design, with embedded RLink, driven by Ride software are also available for the STM32, STR7 and STR9 ARM® core- based microcontrollers and for the µPSD microcontrollers. For more information refer to www.st.com/mcu. For more information, documentation and downloads, please refer to www.raisonance.com. For more information about which microcontrollers are supported, refer to www.raisonance.com or the STMicroelectronics microcontroller support site, www.st.com. Table 2. Raisonance standalone daughterboards for the STM8 and ST7 Standalone daughterboard (order code) Daughterboard ID marking Additional features(1) MCU family supported MCU device MCU package STM8S/32-D/RAIS STM8S105 STM8S103/5 STM8S105C6 LQFP48 STM8/128-D/RAIS STM8S208RB STM8S207/8 STM8S208RB LQFP64 STM8S/8-D/RAIS STM8S903 STM8S903 STM8S903K3 LQFP32 ST7FLIT1B-D/RAIS ST7LITE1B ST7FLIT1xB ST7FLIT19BF1 SO20 ST7FLITU0-D/RAIS ST7LITEU0 ST7Ultralite0 ST7FLITEU0 DIP16 ST7FLITUS-D/RAIS ST7LITEUS5 ST7UltraliteS ST7FLITEUS DIP16 ST7FLI49-D/RAIS ST7FLI49 ST7FLITE4 ST7FLITE49K2 LQFP32 ST7FLI49M-D/RAIS ST7LITE4M ST7FLITE4M ST7FLI49MK1 LQFP32 ST72321B-D/RAIS ST72321B ST72321 ST72F321BAR9 LQFP64 ST72325-D/RAIS ST72325 ST72324/25 ST72F325AR9 LQFP64 ST72345-D/RAIS ST72345 ST7234x ST72F345C4 LQFP48 ST7FOXA0-D/RAIS ST7FOXA0 ST7FOXA0 ST7FOXA0 DIP16 ST7FOXK2-D/RAIS ST7FOXK2 ST7FOXK2 ST7FOXK2 LQFP32 1. All kits have a clock source selection jumper, and an oscillator footprint unless stated otherwise. |
Số phần tương tự - STM8-SK |
|
Mô tả tương tự - STM8-SK |