công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-CCA016V1 bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện STEVAL-CCA016V1
Giải thích chi tiết về linh kiện  Filter-free stereo 2.8 W Class-D audio power amplifier demo board with selectable 3D sound effects based on the TS4999
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA016V1 bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  STEVAL-CCA016V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA016V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA016V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA016V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-CCA016V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Circuit schematic and BOM list
STEVAL-CCA016V1
2/5
Doc ID 15864 Rev 1
1
Circuit schematic and BOM list
Figure 1.
Schematic diagram
Gain
Select
Oscillator
PWM
PWM
Gain
Select
Standby
Control
Protection
Circuit
Bridge
H
Bridge
H
Lin+
Lin-
G0
G1
Rin+
Rin-
STBYL
STBYR
Lout+
A5
A7
E5
E7
E3
A3
D2
E1
C5
C3
B2
A1
Lout-
Rout+
Rout-
RPVCC
PGND
AGND
AVCC
LPVC C
U1
TS4999 - FC18
C1
220nF
C2
220nF
C3
220nF
C4
220nF
2
1
3 S2
G1
2
1
3 S1
G0
S3
STBL
S4
STBR
VCC
VCC
VCC
VCC
LinP
LinN
G0
G1
RinP
RinN
STBL
STBR
Vcc
1
2
P1
Vcc
C6
1uF
C7
1uF
C5
100nF
S5
3D
VCC
Vcc
1
2
3
4
JP4
Header 4
1
2
3
4
JP3
Header 4
Table 1.
Components list for the demonstration board
Designation
Quantity
Description
C1, C2, C3, C4
4
220 nF/16 V, SMD ceramic capacitor, 0603
C5
1
100 nF/16 V, SMD ceramic capacitor, 0603
C6, C7
1
1 µF/16 V, SMD ceramic capacitor, 0603
P1
1
2-pin header 2.54 mm pitch
S1, S2, S3, S4, S5
5
3-pin header 2.54 mm pitch
JP1, JP2, JP3, JP4
4
4-pin header 2.54 mm pitch
U1
1
TS4999 class-D audio amplifier


Số phần tương tự - STEVAL-CCA016V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-CCA010V1 STMICROELECTRONICS-STEVAL-CCA010V1 Datasheet
138Kb / 4P
   Demonstration board for video buffer plus filter with SAG correction based on the TSH122
STEVAL-CCA011V1 STMICROELECTRONICS-STEVAL-CCA011V1 Datasheet
162Kb / 6P
   Filter-free stereo 2x2.5 W Class-D audio power amplifier demonstration board based on the TS2012FC
STEVAL-CCA012V1 STMICROELECTRONICS-STEVAL-CCA012V1 Datasheet
107Kb / 4P
   3 W filter-free class-D audio amplifier demonstration board with 6-12 dB fixed gain select based on the TS2007
STEVAL-CCA015V1 STMICROELECTRONICS-STEVAL-CCA015V1 Datasheet
152Kb / 4P
   Triple video buffer with filter for HD demonstration board based on the TSH346
STEVAL-CCA018V1 STMICROELECTRONICS-STEVAL-CCA018V1 Datasheet
139Kb / 4P
   Single-supply stereo digital audio line driver based on the TS4657
More results

Mô tả tương tự - STEVAL-CCA016V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS4999EIJT STMICROELECTRONICS-TS4999EIJT Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
December 2008 Rev 1
TS4999 STMICROELECTRONICS-TS4999 Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
STEVAL-CCA011V1 STMICROELECTRONICS-STEVAL-CCA011V1 Datasheet
162Kb / 6P
   Filter-free stereo 2x2.5 W Class-D audio power amplifier demonstration board based on the TS2012FC
AN2933 STMICROELECTRONICS-AN2933 Datasheet
172Kb / 10P
   Demo board user guidelines for the TS4999 filter-free stereo
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com