công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7427004 bảng dữ liệu(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7427004
Giải thích chi tiết về linh kiện  WE-AFB EMI Suppression Axial Ferrite Bead
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427004 bảng dữ liệu(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427004 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427004 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427004 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427004 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.0
4.0
REV
2012-09-27
2006-06-28
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-AFB EMI Suppression Axial Ferrite
Bead
Order.- No.
7427004
SIZE
A4
D2 General Properties:
Cable diameter
Ferrite core
Ferrite core
Ferrite core
Test cable
Test cable
Properties
Cable diameter
Material
Initial permeability
Curie temperature
Applicable cable
Applicable cable length
µi
TC
Value
≤5.9
4 W 620
620
150
AWG26
165
Unit
mm
°C
mm
Tol.
typ.
typ.
F Typical Impedance Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 7427004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74270043 WURTH-74270043 Datasheet
398Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270044 WURTH-74270044 Datasheet
435Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270045 WURTH-74270045 Datasheet
397Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
More results

Mô tả tương tự - 7427004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74270036 WURTH-74270036 Datasheet
423Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270032 WURTH-74270032 Datasheet
395Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270045 WURTH-74270045 Datasheet
397Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
7427005 WURTH-7427005 Datasheet
402Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
7427006 WURTH-7427006 Datasheet
418Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
7427009 WURTH-7427009 Datasheet
402Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270035 WURTH-74270035 Datasheet
425Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270051 WURTH-74270051 Datasheet
404Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
742700781 WURTH-742700781 Datasheet
433Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
74270095 WURTH-74270095 Datasheet
417Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com