công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Y-CONC-IE66P-FE6P-2000-F bảng dữ liệu(PDF) 11 Page - Yamaichi Electronics Co., Ltd. |
|
Y-CONC-IE66P-FE6P-2000-F bảng dữ liệu(HTML) 11 Page - Yamaichi Electronics Co., Ltd. |
11 / 42 page SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 10 Outline Dimensions Part No.: Y-ConAS-12 Description: IP20 EMI metal cover against EMI interference, with integrated latch protection. For use with all Y-Con plugs IP20 EMV Metall Steckergehäuse gegen elektromagnetische Beeinflussung, mit integriertem Verriegelungsschutz. Für den Einsatz mit allen Y-Con Kabelsteckern Material: Cover Die-cast zinc Gehäuse Screw Steel Schraube Specifications: Operating Temp.: -40°C ~ +80°C Betriebstemp. IP20 protective transport cap for all Y-Con plugs IP20 Transportschutz- abdeckung für alle Y-Con Kabelstecker. Material: PE Colour.: Transparent white Farbe Specifications: Operating Temp.: -20°C ~ +80°C Betriebstemp. Series Design Number Y-ConCover - 20 Part Number (Details) Accessories |
Số phần tương tự - Y-CONC-IE66P-FE6P-2000-F |
|
Mô tả tương tự - Y-CONC-IE66P-FE6P-2000-F |