công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST-025BLA bảng dữ liệu(PDF) 4 Page - Soberton Inc.

tên linh kiện ST-025BLA
Giải thích chi tiết về linh kiện  Magnetic Transducer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SOBERTON [Soberton Inc.]
Trang chủ  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-025BLA bảng dữ liệu(HTML) 4 Page - Soberton Inc.

  ST-025BLA Datasheet HTML 1Page - Soberton Inc. ST-025BLA Datasheet HTML 2Page - Soberton Inc. ST-025BLA Datasheet HTML 3Page - Soberton Inc. ST-025BLA Datasheet HTML 4Page - Soberton Inc. ST-025BLA Datasheet HTML 5Page - Soberton Inc. ST-025BLA Datasheet HTML 6Page - Soberton Inc. ST-025BLA Datasheet HTML 7Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
E:MECHANICAL CHARACTERISTICS
4/7
No
Item
Test condition
Evaluation standard
1
Solderability
Lead terminal are immersed in rosin for 5 seconds and then
immersed in Solder bath of +260±5℃ for 3±0.5 second
2
Soldering Heat
Resistance
Lead terminal are immersed in soldering bath of +260±5℃
for3±0.5 Second.
3
Iron Soldering
Heat
Resistance
Lead terminal are soldering of +350±5℃, 2.5±0.5 Second.
90% min. lead
terminals shall be
wet with solder
No interference in
operation
4
Terminal
Mechanical
Strength
Apply the terminal with 9.8N(1kg) strength for 10±1 sec.
No damage and
cutting off
5
Vibration
The part shall be subjected to a vibration cycle of 10Hz to
55Hz to 10Hz in a period of 1 minute. Total peak amplitude
shall be 1.52mm(9.3G).The vibration test shall consist of 2
hours per axis in each three axes(X,Y,Z),Total 6 hours.
6
Drop test
The part only shall be dropped from a height of 75cm onto a
wooden board 1 times.
After the test the
part shall meet
specifications
without any damage
in appearance and
performance except
SPL. The SPL shall
be in ± 10 dBA
compared with
initial one.
100°C
Max.
250°C
220°C
200°C
150°C
Max. 10 sec.
40 ~ 60 sec.
60 ~ 120 sec.
Time(sec)
50°C
Temp.(° C)
* Reflow profile of lead-free
Recommendable reflow soldering condition is as follows.
Note 1: It is requested that reflow soldering should be executed after heat of product
goes down to normal temperature.
Note 2: Peak reflow temperature of 250°C Max.10 sec., with a maximum duration
of 40~60 sec. between 220°C and 250°C


Số phần tương tự - ST-025BLA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Soberton Inc.
ST-025BLA SOBERTON-ST-025BLA Datasheet
118Kb / 1P
   Reflow Type (SMD)
ST-025BLA SOBERTON-ST-025BLA Datasheet
434Kb / 5P
   Electromagnetic Buzzer
ST-025BLA SOBERTON-ST-025BLA_17 Datasheet
434Kb / 5P
   Electromagnetic Buzzer
More results

Mô tả tương tự - ST-025BLA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
254-MB562 ETC2-254-MB562 Datasheet
101Kb / 1P
   Magnetic Transducer
logo
DB Lectro Inc
MTS1035A04LM DBLECTRO-MTS1035A04LM Datasheet
282Kb / 1P
   Magnetic Transducer
logo
Soberton Inc.
ST-04BLA SOBERTON-ST-04BLA Datasheet
749Kb / 7P
   Magnetic Transducer
ST-025BH SOBERTON-ST-025BH_09 Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BT SOBERTON-ST-025BT Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BL SOBERTON-ST-025BL_09 Datasheet
1Mb / 7P
   Magnetic Transducer
ST-03BLA SOBERTON-ST-03BLA Datasheet
761Kb / 7P
   Magnetic Transducer
logo
List of Unclassifed Man...
EMX-7T05P ETC2-EMX-7T05P Datasheet
114Kb / 1P
   Magnetic Transducer
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
   Magnetic transducer Buzzer
logo
CUI INC
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com