công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA333W bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STA333W
Giải thích chi tiết về linh kiện  2-channel high-efficiency digital audio system Sound Terminal?
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STA333W_10 Datasheet HTML 1Page - STMicroelectronics STA333W_10 Datasheet HTML 2Page - STMicroelectronics STA333W_10 Datasheet HTML 3Page - STMicroelectronics STA333W_10 Datasheet HTML 4Page - STMicroelectronics STA333W_10 Datasheet HTML 5Page - STMicroelectronics STA333W_10 Datasheet HTML 6Page - STMicroelectronics STA333W_10 Datasheet HTML 7Page - STMicroelectronics STA333W_10 Datasheet HTML 8Page - STMicroelectronics STA333W_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
January 2010
Doc ID 13365 Rev 2
1/49
49
STA333W
2-channel high-efficiency digital audio system
Sound Terminal™
Features
Wide supply-voltage range (4.5 V - 20 V)
2 power output configurations
– 2 channels of binary PWM (stereo mode)
– 2 channels of ternary PWM (stereo mode)
PowerSSO-36 with exposed pad down
2 channels of 24-bit DDX®
100-dB SNR and dynamic range
Selectable 32- to 192-kHz input sample rates
I2C control with selectable device address
Digital gain -80 dB to +48 dB in 0.5-dB steps
Software volume update
Individual channel and master gain/attenuation
Individual channel and master software and
hardware mute
Independent channel volume bypass
Automatic zero-detect mute
Automatic invalid input detect mute
2-channel I2S input data Interface
Selectable clock input ratio
Input channel mapping
Automatic volume control for limiting maximum
power
96-kHz internal processing sample rate, 24-bit
precision
Advanced AM interference frequency
switching and noise suppression modes
Thermal-overload and short-circuit protection
embedded
Video application: 576 * fS input mode support
Applications
LCD
DVD
Cradle
Digital speaker
Wireless-speaker cradle
Description
The STA333W is an integrated circuit comprising
digital audio processing, digital amplifier control
and DDX® power output stage to create a high-
power, single-chip DDX® solution for all-digital
amplification with high quality and high efficiency.
The STA333W power section consists of four
independent half-bridges stages. These can be
configured via digital control to operate in different
modes. 2 channels can be provided by two full
bridges, providing up to 20 W + 20 W of power.
Also provided in the STA333W are new advanced
AM radio interference reduction modes. The serial
audio data input interface accepts all possible
formats, including the popular I2S format. Three
channels of DDX® processing are provided.
The STA333W is part of the Sound Terminal™
family that provides full digital audio streaming to
the speaker offering cost effectiveness, low power
dissipation and sound enrichment.
PowerSSO-36 package
with exposed
pad down (EPD)
Table 1.
Device summary
Order code
Package
Packaging
STA333W
PowerSSO-36 EPD
Tube
STA333W13TR
PowerSSO-36 EPD
Tape and reel
www.st.com


Số phần tương tự - STA333W_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STA333W13TR STMICROELECTRONICS-STA333W13TR Datasheet
660Kb / 42P
   2-channel high-efficiency digital audio system
More results

Mô tả tương tự - STA333W_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STA333ML STMICROELECTRONICS-STA333ML Datasheet
205Kb / 15P
   Sound Terminal TM 2 channel microless high efficiency digital audio system
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
   Sound Terminal® 2.1-channel high-efficiency digital audio system
April 2013 DocID024543 Rev 1
STA333ML STMICROELECTRONICS-STA333ML_08 Datasheet
181Kb / 14P
   Sound TerminaTM 2-channel microless high-efficiency digital audio system
STA335ML STMICROELECTRONICS-STA335ML Datasheet
1Mb / 20P
   2-channel microless high-efficiency digital audio system Sound Terminal짰
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
   2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
   2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
   STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com