công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STRH100N6 bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện STRH100N6
Giải thích chi tiết về linh kiện  Rad-Hard N-channel, 60 V, 80 A Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N6 bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button STRH100N6 Datasheet HTML 3Page - STMicroelectronics STRH100N6 Datasheet HTML 4Page - STMicroelectronics STRH100N6 Datasheet HTML 5Page - STMicroelectronics STRH100N6 Datasheet HTML 6Page - STMicroelectronics STRH100N6 Datasheet HTML 7Page - STMicroelectronics STRH100N6 Datasheet HTML 8Page - STMicroelectronics STRH100N6 Datasheet HTML 9Page - STMicroelectronics STRH100N6 Datasheet HTML 10Page - STMicroelectronics STRH100N6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STRH100N6
Radiation characteristics
Doc ID 18353 Rev 3
7/18
3
Radiation characteristics
The technology of STMicroelectronics Rad-Hard Power MOSFETs is extremely resistant to
radiative environments. Every manufacturing lot is tested for total ionizing dose (irradiation
done according to the ESCC 22900 specification, window 1.) using the TO-3 package. Both
pre-irradiation and post-irradiation performance are tested and specified using the same
circuitry and test conditions in order to provide a direct comparison.
(Tamb= 22 ± 3 °C unless otherwise specified).
Total dose radiation (TID) testing
One bias conditions using the TO-3 package:
–VGS bias: + 15 V applied and VDS= 0 V during irradiation
The following parameters are measured (see
Table 9, Table 10 and Table 11):
before irradiation
after irradiation
after 24 hrs @ room temperature
after 168 hrs @ 100 °C anneal
Table 9.
Post-irradiation on/off states @ TJ= 25 °C, (Co60
γ rays 70 K Rad(Si))
Symbol
Parameter
Test conditions
Drift values
Unit
IDSS
Zero gate voltage drain current
(VGS = 0)
80% BVDss
+10
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = 20 V
VGS = -20 V
1.5
-1.5
nA
BVDSS
Drain-to-source breakdown
voltage
VGS = 0, ID = 1 mA
-15%
V
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 1 mA
-60%/ + 25%
V
RDS(on)
Static drain-source on resistance
VGS = 10 V; ID = 40 A
±15 %
Table 10.
Dynamic post-irradiation @ TJ= 25 °C, (Co60
γ rays 70 K Rad(Si))
Symbol
Parameter
Test conditions
Drift values
Unit
Qg
Total gate charge
IG = 1 mA, VGS = 12 V,
VDS = 30 V, IDS = 40 A
-5% / +50%
nC
Qgs
Gate-source charge
±35 %
Qgd
Gate-drain charge
-5% / +110%


Số phần tương tự - STRH100N6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
   Rad-Hard 100 V, 48 A N-channel Power MOSFET
More results

Mô tả tương tự - STRH100N6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
   Rad-Hard N-channel 60 V, 30 A Power MOSFET
STRH8N10 STMICROELECTRONICS-STRH8N10 Datasheet
501Kb / 18P
   Rad-Hard N-channel 100 V, 6 A Power MOSFET
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
   Rad-Hard 100 V, 48 A N-channel Power MOSFET
STRH40P10 STMICROELECTRONICS-STRH40P10 Datasheet
405Kb / 18P
   Rad-Hard P-channel 100 V, 34 A Power MOSFET
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
   Rad-Hard 100 V, 12 A, P-channel Power MOSFET
May 2022 Rev 9
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
   Rad-hard 60 V, 0.6 A PNP transistor
DS6095 - Rev 14 - February 2022
logo
Sensitron
SRADM1002 SENSITRON-SRADM1002 Datasheet
190Kb / 2P
   JHERMETIC RAD HARD POWER MOSFET N-CHANNEL QUAD
SRADM1001 SENSITRON-SRADM1001 Datasheet
213Kb / 3P
   HERMETIC RAD HARD POWER N-CHANNEL MOSFET ARRAY
logo
STMicroelectronics
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
   Rad-Hard 60 A - 400 V fast recovery rectifier
June 2020 Rev 3
logo
Renesas Technology Corp
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
   N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com