công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPM01 bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STPM01
Giải thích chi tiết về linh kiện  Programmable single phase energy metering IC with tamper detection
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 6Page - STMicroelectronics STPM01_11 Datasheet HTML 7Page - STMicroelectronics STPM01_11 Datasheet HTML 8Page - STMicroelectronics STPM01_11 Datasheet HTML 9Page - STMicroelectronics STPM01_11 Datasheet HTML 10Page - STMicroelectronics STPM01_11 Datasheet HTML 11Page - STMicroelectronics STPM01_11 Datasheet HTML 12Page - STMicroelectronics STPM01_11 Datasheet HTML 13Page - STMicroelectronics STPM01_11 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Functions
STPM01
10/60
Doc ID 10853 Rev 8
Table 6.
Internal signal description
Symbol
Name
Description
ZCR
Zero crossing signal
Provides positive pulse every time the line voltage crosses zero
AW
Active energy
Pulse frequency signal proportional to active energy
RW
Reactive energy
Pulse frequency signal proportional to reactive energy
SW
Apparent energy
Pulse frequency signal proportional to apparent energy
LIN
Line frequency signal
This signal is high when the voltage channel value is rising and it is low when
the voltage channel is falling. Basically this signal is the sign of dv/dt.
BFR
Base frequency range
This signal is high when either the voltage line frequency is outside the
nominal band or the voltage register is below 64.
It is cleared when the voltage line frequency is inside the nominal band and
the voltage register goes above 128.
MA
Stepper motor signals
Signal available in MOP and MON to drive a stepper motor
MB
BIT
Tamper flag
This signal provides the information on the tamper status. If low no tamper is
detected, when high a tamper condition has been detected. This signal is part
of the status register but is also available on the SDATD pin when in
standalone mode.
BIL
No load condition
Provides information on the load condition. This signal is part of the status
register but is also available on the SCLNLC pin when in standalone mode.
BIL=1 no load condition, BIL=0 normal operation.


Số phần tương tự - STPM01_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
775Kb / 56P
   Programmable single phase energy metering IC
More results

Mô tả tương tự - STPM01_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sames
SA9607P SAMES-SA9607P Datasheet
127Kb / 12P
   Programmable Single Phase Energy Metering IC with Tamper Detection
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
   PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM10 STMICROELECTRONICS-STPM10_V01 Datasheet
1Mb / 47P
   Programmable single-phase energy metering IC with tamper detection
February 2017
logo
Sames
SA2007P SAMES-SA2007P Datasheet
138Kb / 12P
   Programmable Single Phase Energy Metering IC with Tamper Detection
logo
STMicroelectronics
STPM10 STMICROELECTRONICS-STPM10 Datasheet
1Mb / 51P
   Programmable single-phase energy metering IC with tamper detection
logo
Sames
SA2007M SAMES-SA2007M Datasheet
168Kb / 10P
   Single Phase Power/Energy Metering IC with Tamper Detection
SA9607M SAMES-SA9607M Datasheet
98Kb / 10P
   Single Phase Power/Energy Metering IC with Tamper Detection
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
   Programmable single phase energy metering IC
logo
ATMEL Corporation
AVR465 ATMEL-AVR465 Datasheet
305Kb / 40P
   Single-Phase Power/Energy Meter with Tamper Detection
logo
STMicroelectronics
AN2288 STMICROELECTRONICS-AN2288 Datasheet
247Kb / 29P
   Single-phase energy meter with tamper detection based on ST7FLITE2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com