công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Y-CONC-R402S-MA4B-2000-A bảng dữ liệu(PDF) 36 Page - Yamaichi Electronics Co., Ltd.

tên linh kiện Y-CONC-R402S-MA4B-2000-A
Giải thích chi tiết về linh kiện  IP67/68/69K Protected Components
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Trang chủ  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

Y-CONC-R402S-MA4B-2000-A bảng dữ liệu(HTML) 36 Page - Yamaichi Electronics Co., Ltd.

Back Button Y-CONC-R402S-MA4B-2000-A Datasheet HTML 32Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402S-MA4B-2000-A Datasheet HTML 33Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402S-MA4B-2000-A Datasheet HTML 34Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402S-MA4B-2000-A Datasheet HTML 35Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402S-MA4B-2000-A Datasheet HTML 36Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402S-MA4B-2000-A Datasheet HTML 37Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402S-MA4B-2000-A Datasheet HTML 38Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402S-MA4B-2000-A Datasheet HTML 39Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402S-MA4B-2000-A Datasheet HTML 40Page - Yamaichi Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
35
Y-ConUSB Modules
USB-B Hi-Speed PCB mounted jack with PCB terminals1),
including shield connection and fixing for cable straps.
For use with Y-ConUSB-Adapter-20 and Y-ConFlange-10-*
USB-B Hi-Speed Buchse auf PCB mit Leiterplattenklemme1) inkl.
Schirmanschluss und Bohrung für Kabelbinder.
Für den Einsatz mit Y-ConUSB-Adapter-20 und Y-ConFlange-10-*
Operating Temp.: -25°C ~ +80°C
Betriebstemp.
USB-A Hi-Speed PCB mounted jack with PCB terminals1),
including shield connection and fixing for cable straps.
For use with Y-ConUSB-Adapter-10 and Y-ConFlange-10-*
USB-A Hi-Speed Buchse auf PCB mit Leiterplattenklemme1) inkl.
Schirmanschluss und Bohrung für Kabelbinder.
Für den Einsatz mit Y-ConUSB-Adapter-10 und Y-ConFlange-10-*
Operating Temp.: -25°C ~ +80°C
Betriebstemp.
USB-B / USB-A Hi-Speed PCB mounted coupler jack,
for use with Y-ConUSB-Adapter-20 and Y-ConFlange-10-*
USB-B / USB-A Hi-Speed Buchse auf PCB. Für den Einsatz mit
Y-ConUSB-Adapter-20 und Y-ConFlange-10-*
Operating Temp.: -25°C ~ +80°C
Betriebstemp.
USB-B / USB-B Hi-Speed PCB mounted coupler jack,
for use with Y-ConUSB-Adapter-20 and Y-ConFlange-10-*
USB-B / USB-B Hi-Speed Buchse auf PCB. Für den Einsatz mit
Y-ConUSB-Adapter-20 und Y-ConFlange-10-*
Operating Temp.: -25°C ~ +80°C
Betriebstemp.
USB-A / USB-A Hi-Speed PCB mounted coupler jack,
for use with Y-ConUSB-Adapter-10 and Y-ConFlange-10-*
USB-A / USB-A Hi-Speed Buchse auf PCB. Für den Einsatz mit
Y-ConUSB-Adapter-10 und Y-ConFlange-10-*
Operating Temp.: -25°C ~ +80°C
Betriebstemp.
1) cable according to Y-Con recommendation - on request
Kabellänge gemäß Y-Con Empfehlung - auf Anfrage
1) cable according to Y-Con recommendation - on request
Kabellänge gemäß Y-Con Empfehlung - auf Anfrage
Part Number Y-ConUSB-PCB-12
Part Number Y-ConUSB-PCB-21
Part Number Y-ConUSB-PCB-22
Part Number Y-ConUSB-PCB-32
Part Number Y-ConUSB-PCB-11


Số phần tương tự - Y-CONC-R402S-MA4B-2000-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
YAMAHA CORPORATION
Y-CONC-R402S-MA4B-2000-A YAMAHA-Y-CONC-R402S-MA4B-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
More results

Mô tả tương tự - Y-CONC-R402S-MA4B-2000-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
YAMAHA CORPORATION
Y-CONCOVER-10-X-X YAMAHA-Y-CONCOVER-10-X-X Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
logo
Yamaichi Electronics Co...
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
   IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
List of Unclassifed Man...
JR25WCCA-12 ETC2-JR25WCCA-12 Datasheet
549Kb / 8P
   IP67 waterproof protected heavy duty metal shell connectors
logo
PHOENIX CONTACT
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
   Monitor - FPM 23.8 69K
Dec 2, 2022
1261662 PHOENIX-1261662 Datasheet
206Kb / 6P
   Monitor - FPM 23.8 69K SP
Dec 2, 2022
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K SP
Dec 2, 2022
1262469 PHOENIX-1262469 Datasheet
211Kb / 7P
   Panel PC - PPC 17.3 AIO 69K
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com