công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S207R8T3CTR bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
STM8S207R8T3CTR bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
1 / 103 page February 2012 Doc ID 14733 Rev 12 1/103 1 STM8S207xx STM8S208xx Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash, integrated EEPROM, 10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN Features ■ Core –Max fCPU: up to 24 MHz, 0 wait states @ fCPU ≤ 16 MHz – Advanced STM8 core with Harvard architecture and 3-stage pipeline – Extended instruction set – Max 20 MIPS @ 24 MHz ■ Memories – Program: up to 128 Kbytes Flash; data retention 20 years at 55 °C after 10 kcycles – Data: up to 2 Kbytes true data EEPROM; endurance 300 kcycles – RAM: up to 6 Kbytes ■ Clock, reset and supply management – 2.95 to 5.5 V operating voltage – Low power crystal resonator oscillator – External clock input – Internal, user-trimmable 16 MHz RC – Internal low power 128 kHz RC – Clock security system with clock monitor – Wait, active-halt, & halt low power modes – Peripheral clocks switched off individually – Permanently active, low consumption power-on and power-down reset ■ Interrupt management – Nested interrupt controller with 32 interrupts – Up to 37 external interrupts on 6 vectors ■ Timers – 2x 16-bit general purpose timers, with 2+3 CAPCOM channels (IC, OC or PWM) – Advanced control timer: 16-bit, 4 CAPCOM channels, 3 complementary outputs, dead- time insertion and flexible synchronization – 8-bit basic timer with 8-bit prescaler – Auto wakeup timer – Window watchdog, independent watchdog ■ Communications interfaces – High speed 1 Mbit/s active beCAN 2.0B – UART with clock output for synchronous operation - LIN master mode – UART with LIN 2.1 compliant, master/slave modes and automatic resynchronization – SPI interface up to 10 Mbit/s –I2C interface up to 400 Kbit/s ■ 10-bit ADC with up to 16 channels ■ I/Os – Up to 68 I/Os on an 80-pin package including 18 high sink outputs – Highly robust I/O design, immune against current injection – Development support – Single wire interface module (SWIM) and debug module (DM) ■ 96-bit unique ID key for each device Table 1. Device summary Part numbers: STM8S207xx STM8S207MB, STM8S207M8, STM8S207RB, STM8S207R8, STM8S207R6, STM8S207CB, STM8S207C8, STM8S207C6, STM8S207SB, STM8S207S8, STM8S207S6, STM8S207K8 STM8S207K6 Part numbers: STM8S208xx STM8S208MB, STM8S208M8, STM8S208RB, STM8S208R8, STM8S208R6, STM8S208CB, STM8S208C8, STM8S208C6, STM8S208SB, STM8S208S8, STM8S208S6 LQFP80 14x14 LQFP64 10x10 LQFP32 7x7 LQFP44 10x10 LQFP64 14x14 LQFP48 7x7 www.st.com |
Số phần tương tự - STM8S207R8T3CTR |
|
Mô tả tương tự - STM8S207R8T3CTR |