công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL13-E3-61T bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SL13-E3-61T
Giải thích chi tiết về linh kiện  A 0.9-A Constant Current Supply with PFC for 100-W LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SL13-E3-61T bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SL13-E3-61T Datasheet HTML 3Page - Texas Instruments SL13-E3-61T Datasheet HTML 4Page - Texas Instruments SL13-E3-61T Datasheet HTML 5Page - Texas Instruments SL13-E3-61T Datasheet HTML 6Page - Texas Instruments SL13-E3-61T Datasheet HTML 7Page - Texas Instruments SL13-E3-61T Datasheet HTML 8Page - Texas Instruments SL13-E3-61T Datasheet HTML 9Page - Texas Instruments SL13-E3-61T Datasheet HTML 10Page - Texas Instruments SL13-E3-61T Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
5.2
Recommended Test Setup
TP3
Buckbiasvoltagemonitor
TP4&TP5
PFCoutputvoltage
TP1&TP2
Loopinjectionpoint
CL2
CurrentProbe:
Buckinductor
ripplecurrent
monitor
J3
ShortpinstoEnable
OnBoardDimming
+
L
N
V2
CL1
CurrentProbe:
PFCinductor
ripplecurrent
monitor
1000uF
250V
A1
V1
J4
Pin1:BuckShutdown
Pin2:GND
Pin3ExternalPWMdimminginput
J2
Pin1:PFCShutdown
Pin2:GND
IEC320
-C13
Plug
90-265
VRMS
ACSource
Constant
Voltage
Load
+
-
5.3
List of Test Points
www.ti.com
Test Setup
Figure 3. UCC28810EVM-002 Recommended Test Set Up
Note:
The 1000-
µF/250-V capacitor on the output is not required if the load is a string of HB-LED’s.
Table 2. Test Point Functions
TEST POINTS
NAME
DESCRIPTION
TP1
Loop injection point
TP2
Loop injection point, PFC output
TP3
VCC_BK
Buck bias voltage output
TP4
PFC+
PFC output voltage
TP5
PFC-
PFC output voltage ground
TP6
VCC_BK
Buck bias voltage input
TP7
GND
Buck bias voltage ground
TP8
GND
Ground connection
TP9
EN
Buck enable
TP10
GND
Buck input voltage ground
TP11
BK_IN
Buck input voltage
J2-1
PFC shutdown
Apply 3.3 V to this pin to shutdown PFC stage
J2-2
GND
J4-1
BK_Shutdown
Apply 3.3 V to this pin to shutdown buck stage
J4-2
GND
J4-3
PWM Dim
Input for external PWM dimming
Short the two pins on J3 to enable on board PWM diming. R26
J3
On board dim
varies dimming duty cycle
SLUU355A – March 2009 – Revised June 2009
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
7
Submit Documentation Feedback


Số phần tương tự - SL13-E3-61T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SL13-E3/5AT VISHAY-SL13-E3/5AT Datasheet
340Kb / 4P
   Low VF Surface Mount Schottky Rectifier
Revision: 22-Jan-08
SL13-E3/61T VISHAY-SL13-E3/61T Datasheet
340Kb / 4P
   Low VF Surface Mount Schottky Rectifier
Revision: 22-Jan-08
More results

Mô tả tương tự - SL13-E3-61T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
AN3339 STMICROELECTRONICS-AN3339 Datasheet
1Mb / 44P
   185 W power supply with PFC and standby supply for LED TV
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
   1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Coilcraft lnc.
HA3858 COILCRAFT-HA3858_16 Datasheet
390Kb / 2P
   Magnetics for 300 W Power Supply with PFC
logo
STMicroelectronics
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
   1.5 A max constant current LED driver
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
   0.5 A max constant current LED driver
STCS2A STMICROELECTRONICS-STCS2A Datasheet
372Kb / 18P
   2 A max constant current LED driver
STCS05A STMICROELECTRONICS-STCS05A Datasheet
854Kb / 18P
   0.5 A max constant current LED driver
STCS2 STMICROELECTRONICS-STCS2 Datasheet
280Kb / 16P
   2 A max constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com