công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CB10MV472ME bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện CB10MV472ME
Giải thích chi tiết về linh kiện  SSL1523 high power factor 5 W LED driver for universal
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

CB10MV472ME bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button CB10MV472ME Datasheet HTML 7Page - NXP Semiconductors CB10MV472ME Datasheet HTML 8Page - NXP Semiconductors CB10MV472ME Datasheet HTML 9Page - NXP Semiconductors CB10MV472ME Datasheet HTML 10Page - NXP Semiconductors CB10MV472ME Datasheet HTML 11Page - NXP Semiconductors CB10MV472ME Datasheet HTML 12Page - NXP Semiconductors CB10MV472ME Datasheet HTML 13Page - NXP Semiconductors CB10MV472ME Datasheet HTML 14Page - NXP Semiconductors CB10MV472ME Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
11 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
8.
Transformer specification
Figure 6 shows the transformer schematic:
Q10
dual transistor
PNP
BCM857DS
SC-74 (TSOP6)
SOT457
Farnell
1757904
NXP
BCM857DS
Q11
transistor PNP
BC857
SMD
-
-
-
-
R1
resistor
33
Ω 2 W
-
Farnell
1565460
Welwyn
-
R2
resistor
100
Ω
0603
-
-
-
-
R3
resistor
6.8 k
Ω
0603
-
-
-
MC34751
R4
resistor
220 k
Ω
0603
-
-
-
-
R5
resistor
20 k
Ω
0603
-
-
-
-
R6
resistor
47 k
Ω
0603
-
-
-
-
R7
resistor
120 k
Ω
0805
-
-
-
-
R8
resistor not
wirewound
2.4
Ω
1206
-
-
-
-
R9
resistor not
wirewound
2.4
Ω
1206
-
-
-
-
R10
current sense
resistor not
wirewound
1
Ω 1 W 1 %
-
Farnell
5383894
RCD
Components
F1S 1R
R11
resistor
220
Ω 1 %
0603
-
-
-
-
R12
resistor
220
Ω 1 %
0603
-
-
-
-
R13
resistor
1 k
Ω
0603
-
-
-
-
R17
resistor
1 k
Ω 1 %
0603
-
-
-
-
R14
resistor
10 k
Ω 1 %
0603
-
-
-
-
R15
resistor
10 k
Ω 1 %
0603
-
-
-
-
R19
resistor
10 k
Ω
0603
-
-
-
-
R20
resistor
10 k
Ω
0603
-
-
-
-
R16
resistor
6.2 k
Ω 1 %
0603
-
-
-
-
R18
variable resistor 4.7 k
Ω
potentiometer
leaded
Farnell
1227568
Tyco
CB10MV472ME
TX1
transformer
760871038
EE13
Wuerth
760871038 Wuerth
760871038
Table 2.
Bill of materials …continued
Fig 6.
Transformer schematic
6
7
2
3
4
1
N1
N3
019aaa137
N2


Số phần tương tự - CB10MV472ME

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Glenair, Inc.
CB10M1L0 GLENAIR-CB10M1L0 Datasheet
647Kb / 10P
   Qualifi ed Connectors
CB10M2L0 GLENAIR-CB10M2L0 Datasheet
647Kb / 10P
   Qualifi ed Connectors
CB10M3L0 GLENAIR-CB10M3L0 Datasheet
647Kb / 10P
   Qualifi ed Connectors
CB10M4L0 GLENAIR-CB10M4L0 Datasheet
647Kb / 10P
   Qualifi ed Connectors
CB10M5L0 GLENAIR-CB10M5L0 Datasheet
647Kb / 10P
   Qualifi ed Connectors
More results

Mô tả tương tự - CB10MV472ME

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
AL1676 DIODES-AL1676 Datasheet
487Kb / 15P
   UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
STMicroelectronics
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
   15 W high power factor LED driver based on HVLED815PF
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
logo
Linkage Goston Electron...
SM7301 LINKAGE-SM7301 Datasheet
4Mb / 8P
   High power factor LED driver chip
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702_14 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
   High-Power Factor Flyback Converter for LED Driver with
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
logo
Linkage Goston Electron...
SM7352P LINKAGE-SM7352P Datasheet
1Mb / 7P
   HIgh-Power Factor LED Driver Control Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com