công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2021T-500E-MD bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP2021T-500E-MD
Giải thích chi tiết về linh kiện  LIN Transceiver with Voltage Regulator
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021T-500E-MD bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP2021T-500E-MD Datasheet HTML 1Page - Microchip Technology MCP2021T-500E-MD Datasheet HTML 2Page - Microchip Technology MCP2021T-500E-MD Datasheet HTML 3Page - Microchip Technology MCP2021T-500E-MD Datasheet HTML 4Page - Microchip Technology MCP2021T-500E-MD Datasheet HTML 5Page - Microchip Technology MCP2021T-500E-MD Datasheet HTML 6Page - Microchip Technology MCP2021T-500E-MD Datasheet HTML 7Page - Microchip Technology MCP2021T-500E-MD Datasheet HTML 8Page - Microchip Technology MCP2021T-500E-MD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
© 2005-2012 Microchip Technology Inc.
DS22018F-page 5
MCP2021/2/1P/2P
1.0
DEVICE OVERVIEW
The MCP2021/2/1P/2P provides a physical interface
between a microcontroller and a LIN half-duplex bus. It
is intended for automotive and industrial applications
with serial bus speeds up to 20 Kbaud.
The MCP2021/2/1P/2P provides a half-duplex, bidirec-
tional communications interface between a microcon-
troller and the serial network bus. This device will
translate the CMOS/TTL logic levels to LIN-level logic,
and vice versa.
The LIN specification 2.0 requires that the trans-
ceiver(s) of all nodes in the system be connected via
the LIN pin, referenced to ground, and with a maximum
external termination resistance load of 510
Ω from LIN
bus to battery supply. The 510
Ω corresponds to 1 Mas-
ter and 16 Slave nodes.
The MCP2021/2/1P/2P-500 provides a +5V, 50 mA,
regulated power output. The regulator uses an LDO
design, is short-circuit protected, and will turn the
regulator output off if it falls below 3.5V.
The
MCP2021/2/1P/2P
also
includes
thermal-
shutdown protection.
The regulator is specifically designed to operate in the
automotive environment and will survive +43V load
dump transients, double-battery jumps, and reverse
battery connections when a reverse blocking diode is
used. The other members of the MCP2021/2/1P/2P-
330 family output +3.3V at 50 mA with a turn-off voltage
of
2.5V.
(See
Section 1.6
“Internal
Voltage
Regulator”).
MCP2021/2 wakes from Power-Down mode on a
dominant level on LBUS. MCP2021P/2P wakes at a
transition from recessive level to dominant level on
LBUS.
1.1
Optional External Protection
1.1.1
REVERSE BATTERY PROTECTION
An external reverse-battery-blocking diode should be
used to provide polarity protection (see Figure 1-6).
1.1.2
TRANSIENT VOLTAGE
PROTECTION (LOAD DUMP)
An external 43V transient suppressor (TVS) diode,
between VBB and ground, with a 50
Ω transient protec-
tion resistor (RTP) in series with the battery supply and
the VBB pin protect the device from power transients
(see Figure 1-6) and ESD events. While this protection
is optional, it is considered good engineering practice.
The resistor value is chosen according to Equation 1-1.
EQUATION 1-1:
1.2
Internal Protection
1.2.1
ESD PROTECTION
For component-level ESD ratings, please refer to the
Section 2.1 “Absolute Maximum Ratings†”.
1.2.2
GROUND LOSS PROTECTION
The LIN Bus specification states that the LIN pin must
transition to the recessive state when ground is discon-
nected. Therefore, a loss of ground effectively forces
the LIN line to a hi-impedance level.
1.2.3
THERMAL PROTECTION
The thermal protection circuit monitors the die temper-
ature and is able to shut down the LIN transmitter and
voltage regulator if it detects a thermal overload.
There are three causes for a thermal overload. A ther-
mal shut down can be triggered by any one, or a com-
bination of, the following thermal overload conditions:
• Voltage regulator overload
• LIN bus output overload
• Increase in die temperature due to increase in
environmental temperature
Driving the TXD and checking the RXD pin makes it
possible to determine whether there is a bus contention
(i.e., Rx = low, Tx = high) or a thermal overload condi-
tion (i.e., Rx = high, Tx = low).
RTP <= (VBBmin - 5.5) / 250 mA.
5.5V = VUVLO + 1.0V,
250 mA is the peak current at Power-On when
VBB = 5.5V


Số phần tương tự - MCP2021T-500E-MD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2021T-500E/MD MICROCHIP-MCP2021T-500E/MD Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP2021T-500E/MD MICROCHIP-MCP2021T-500E/MD Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2021T-500E/MF MICROCHIP-MCP2021T-500E/MF Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP2021T-500E/MF MICROCHIP-MCP2021T-500E/MF Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2021T-500E/P MICROCHIP-MCP2021T-500E/P Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
More results

Mô tả tương tự - MCP2021T-500E-MD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
   LIN Transceiver with Voltage Regulator
03/25/14
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com