công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP6308 bảng dữ liệu(PDF) 6 Page - Stanson Technology

tên linh kiện STP6308
Giải thích chi tiết về linh kiện  STP6308 is the dual P-Channel enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STANSON [Stanson Technology]
Trang chủ  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP6308 bảng dữ liệu(HTML) 6 Page - Stanson Technology

  STP6308 Datasheet HTML 1Page - Stanson Technology STP6308 Datasheet HTML 2Page - Stanson Technology STP6308 Datasheet HTML 3Page - Stanson Technology STP6308 Datasheet HTML 4Page - Stanson Technology STP6308 Datasheet HTML 5Page - Stanson Technology STP6308 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ST
ST
ST
STP
P
P
P630
630
630
6308
8
8
8
Dual P Channel Enhancement Mode MOSFET
-1.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STP6308 2009. V1
SOT363
SOT363
SOT363
SOT363 (sc70-6L)
(sc70-6L)
(sc70-6L)
(sc70-6L) PACKAGE
PACKAGE
PACKAGE
PACKAGE OUTLINE
OUTLINE
OUTLINE
OUTLINE


Số phần tương tự - STP6308

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Stanson Technology
STP601 STANSON-STP601 Datasheet
398Kb / 7P
   P Channel Enhancement Mode MOSFET
STP601D STANSON-STP601D Datasheet
676Kb / 7P
   P Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STP601D VBSEMI-STP601D Datasheet
971Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Stanson Technology
STP607D STANSON-STP607D Datasheet
1Mb / 8P
   P Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STP60L60 DOINGTER-STP60L60 Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
More results

Mô tả tương tự - STP6308

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Stanson Technology
STP4803 STANSON-STP4803 Datasheet
697Kb / 7P
   STP4803 is the dual P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP4925 STANSON-STP4925 Datasheet
577Kb / 6P
   STP4925 is the dual P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP9527 STANSON-STP9527 Datasheet
927Kb / 7P
   STP9527 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2315SRG STANSON-ST2315SRG Datasheet
218Kb / 6P
   ST2315SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP7401 STANSON-STP7401 Datasheet
461Kb / 6P
   STP7401 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3401SRG STANSON-ST3401SRG Datasheet
212Kb / 6P
   ST3401RSG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density DMOS trench technology.
STP9437 STANSON-STP9437 Datasheet
375Kb / 6P
   STP9437 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3407SRG STANSON-ST3407SRG Datasheet
184Kb / 6P
   ST3407SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP4435A STANSON-STP4435A Datasheet
311Kb / 6P
   STP4435A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2341A STANSON-ST2341A Datasheet
582Kb / 6P
   ST2341A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com