công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STN9926 bảng dữ liệu(PDF) 2 Page - Stanson Technology

tên linh kiện STN9926
Giải thích chi tiết về linh kiện  The STN9926 is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STANSON [Stanson Technology]
Trang chủ  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN9926 bảng dữ liệu(HTML) 2 Page - Stanson Technology

  STN9926 Datasheet HTML 1Page - Stanson Technology STN9926 Datasheet HTML 2Page - Stanson Technology STN9926 Datasheet HTML 3Page - Stanson Technology STN9926 Datasheet HTML 4Page - Stanson Technology STN9926 Datasheet HTML 5Page - Stanson Technology STN9926 Datasheet HTML 6Page - Stanson Technology STN9926 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STN9926
STN9926
STN9926
STN9926
Dual N Channel Enhancement Mode MOSFET
5A
120 Bentley Square, Mountain View, Ca 94040 USA
www.syonsontech.com
Copyright © 2007, Stanson Corp.
STN9926 2007. V1
2
ABSOULTE
ABSOULTE
ABSOULTE
ABSOULTE MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Typical
Unit
Unit
Unit
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current
(TJ=150℃)
TA=25℃
TA=70℃
ID
5.0
4.0
A
Pulsed Drain Current
IDM
30
A
Continuous Source Current
(Diode Conduction)
IS
1.6
A
Power Dissipation
TA=25℃
TA=70℃
PD
2.8
1.8
W
Operation Junction Temperature
TJ
-55/150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
105
℃/W


Số phần tương tự - STN9926

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Stanson Technology
STN9926AA STANSON-STN9926AA Datasheet
233Kb / 7P
   The STN9926AA is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
logo
VBsemi Electronics Co.,...
STN9926AA VBSEMI-STN9926AA Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
More results

Mô tả tương tự - STN9926

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Stanson Technology
STN9926AA STANSON-STN9926AA Datasheet
233Kb / 7P
   The STN9926AA is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
STN4822 STANSON-STN4822 Datasheet
516Kb / 6P
   STN4822 is the Dual N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
STP4931 STANSON-STP4931 Datasheet
334Kb / 6P
   STP4931 is the dual P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9434 STANSON-STP9434 Datasheet
314Kb / 6P
   STP9434 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP4403 STANSON-STP4403 Datasheet
321Kb / 6P
   STP4403 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9235 STANSON-STP9235 Datasheet
331Kb / 6P
   STP9235 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STN4488L STANSON-STN4488L Datasheet
644Kb / 7P
   STN4488L is the N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
ST3422A STANSON-ST3422A Datasheet
338Kb / 6P
   The ST3422A is the N-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
ST3400SRG STANSON-ST3400SRG Datasheet
547Kb / 6P
   The ST3400SRG is the N-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
logo
ACE Technology Co., LTD...
ACE632 ACE-ACE632 Datasheet
1Mb / 11P
   The ACE632 is the N- and P-Channel enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com