công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STN6303 bảng dữ liệu(PDF) 3 Page - Stanson Technology

tên linh kiện STN6303
Giải thích chi tiết về linh kiện  STN6303 is the dual N-Channel enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STANSON [Stanson Technology]
Trang chủ  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN6303 bảng dữ liệu(HTML) 3 Page - Stanson Technology

  STN6303 Datasheet HTML 1Page - Stanson Technology STN6303 Datasheet HTML 2Page - Stanson Technology STN6303 Datasheet HTML 3Page - Stanson Technology STN6303 Datasheet HTML 4Page - Stanson Technology STN6303 Datasheet HTML 5Page - Stanson Technology STN6303 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STN6303
Dual N Channel Enhancement Mode MOSFET
1.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STN6303 2008. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25
Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=250uA
23
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
0.35
1.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=+/-12V
±100
nA
VDS=20V,VGS=0V
1
Zero Gate Voltage Drain
Current
IDSS
VDS=20V,VGS=0V
TJ=85℃
5
uA
On-State Drain Current
ID(on)
VDS
≦5V,VGS=4.5V
2.5
A
VGS=4.5V,ID=0.5A
385
400
Drain-source On-Resistance
RDS(on)
VGS=2.7V,ID=0.2A
530
550
m
Forward Transconductance
gfs
VDS=10V,ID=1.2A
2.6
S
Diode Forward Voltage
VSD
IS=0.5A,VGS=0V
0.8
1.2
V
DYNAMIC
Total Gate Charge
Qg
1.2
1.5
Gate-Source Charge
Qgs
0.2
Gate-Drain Charge
Qgd
VDS=10V,VGS=4.5V,VDS=0.7A
0.3
nC
Input Capacitance
Ciss
110
Output Capacitance
Coss
34
Reverse Transfer Capacitance
Crss
VDS=10V,VGS=0V
f=1MHz
16
pF
Td(on)
5
10
Turn-On Time
tr
8
15
Td(off)
10
18
Turn-Off Time
tf
VDD=10V, RL=10 , ID=1.0A,
VGEN=4.5V, RG=6
1.2
2.8
nS


Số phần tương tự - STN6303

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Stanson Technology
STN6335 STANSON-STN6335 Datasheet
843Kb / 6P
   STN6335 is the dual N-Channel enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results

Mô tả tương tự - STN6303

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Stanson Technology
STN6335 STANSON-STN6335 Datasheet
843Kb / 6P
   STN6335 is the dual N-Channel enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP6308 STANSON-STP6308 Datasheet
420Kb / 6P
   STP6308 is the dual P-Channel enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4346 STANSON-STN4346 Datasheet
352Kb / 7P
   STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4426 STANSON-STN4426 Datasheet
362Kb / 6P
   STN4426 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3406SRG STANSON-ST3406SRG Datasheet
325Kb / 6P
   ST3406SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4416 STANSON-STN4416 Datasheet
966Kb / 6P
   STN4416 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4392 STANSON-STN4392 Datasheet
383Kb / 7P
   STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4480 STANSON-STN4480 Datasheet
742Kb / 6P
   STN4480 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4850 STANSON-STN4850 Datasheet
532Kb / 6P
   STN4850 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN1810 STANSON-STN1810 Datasheet
966Kb / 7P
   STN1810 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com