công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STN1810 bảng dữ liệu(PDF) 3 Page - Stanson Technology

tên linh kiện STN1810
Giải thích chi tiết về linh kiện  STN1810 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STANSON [Stanson Technology]
Trang chủ  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN1810 bảng dữ liệu(HTML) 3 Page - Stanson Technology

  STN1810 Datasheet HTML 1Page - Stanson Technology STN1810 Datasheet HTML 2Page - Stanson Technology STN1810 Datasheet HTML 3Page - Stanson Technology STN1810 Datasheet HTML 4Page - Stanson Technology STN1810 Datasheet HTML 5Page - Stanson Technology STN1810 Datasheet HTML 6Page - Stanson Technology STN1810 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STN1810
N Channel Enhancement Mode MOSFET
8.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STN1810 2009. V1
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=250uA
100
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=250uA
1.0
3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
VDS=80V,VGS=0V
250
Zero Gate Voltage
Drain Current
IDSS
VDS=80V,VGS=0V
TJ=5℃
5
uA
On-State Drain
Current
ID(on)
VDS≧5V,VGS=10V
8
A
Drain-source On-
Resistance
RDS(on)
VGS=10V,ID=10A
VGS=7.0V,ID=6.5A
140
150
155
170
m
Forward
Transconductance
gfs
VDS=5V,ID=6.2AV
5.6
S
Diode Forward Voltage
VSD
IS=1A,VGS=0V
1.3
V
Dynamic
Total Gate Charge
Qg
10
16
Gate-Source Charge
Qgs
2.5
Gate-Drain Charge
Qgd
VDS=80V,VGS=5V
ID≡5A
4.2
nC
Input Capacitance
Ciss
430
Output Capacitance
Coss
58
Reverse
TransferCapacitance
Crss
VDS =25V,VGS=0V
F=1MHz
33
pF
6.5
Turn-On Time
td(on)
tr
10
13
Turn-Off Time
td(off)
tf
VDD=50V,RD=10
VDS=30V,RG=3.3
ID≡5A
3.4
nS


Số phần tương tự - STN1810

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SHENZHEN DOINGTER SEMIC...
STN1810 DOINGTER-STN1810 Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STN1810 VBSEMI-STN1810 Datasheet
469Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Mô tả tương tự - STN1810

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Stanson Technology
STN4346 STANSON-STN4346 Datasheet
352Kb / 7P
   STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4426 STANSON-STN4426 Datasheet
362Kb / 6P
   STN4426 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3406SRG STANSON-ST3406SRG Datasheet
325Kb / 6P
   ST3406SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4416 STANSON-STN4416 Datasheet
966Kb / 6P
   STN4416 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4392 STANSON-STN4392 Datasheet
383Kb / 7P
   STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4480 STANSON-STN4480 Datasheet
742Kb / 6P
   STN4480 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4850 STANSON-STN4850 Datasheet
532Kb / 6P
   STN4850 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4438 STANSON-STN4438 Datasheet
269Kb / 6P
   STN4438 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4546 STANSON-STN4546 Datasheet
363Kb / 6P
   STN4526 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2304SRG STANSON-ST2304SRG Datasheet
630Kb / 6P
   ST2304SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com