công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
742792035 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
742792035 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 6 page 5.1 5.0 4.0 REV 2012-06-26 2012-03-29 2005-12-16 DATE SSt SSt SSt BY SSt SMu - CHECKED Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com DESCRIPTION WE-CBF SMD EMI Suppression Ferrite Bead Order.- No. 742792035 SIZE A4 Size: 0805 A Dimensions: [mm] B Land Pattern: [mm] C Schematic: D Electrical Properties: Properties Impedance @ 100 MHz Maximum Impedance Rated Current DC Resistance Type Test conditions 100 MHz 220 MHz ΔT = 20K Z Z IR RDC Value 300 450 300 0.30 High Speed Unit Ω Ω mA Ω Tol. ±25% typ. max. max. E General information: Do not use this part beyond the Rated Current, as this will create excessive heat and can harm the component Storage Temperature (on Tape & Reel): -20°C to 60°C Operating Temperature: -55°C to 125°C Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
Số phần tương tự - 742792035 |
|
Mô tả tương tự - 742792035 |