công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28230 bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL28230
Giải thích chi tiết về linh kiện  Providing high-performance solutions for every link in the signal chain
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28230 bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL28230 Datasheet HTML 1Page - Intersil Corporation ISL28230 Datasheet HTML 2Page - Intersil Corporation ISL28230 Datasheet HTML 3Page - Intersil Corporation ISL28230 Datasheet HTML 4Page - Intersil Corporation ISL28230 Datasheet HTML 5Page - Intersil Corporation ISL28230 Datasheet HTML 6Page - Intersil Corporation ISL28230 Datasheet HTML 7Page - Intersil Corporation ISL28230 Datasheet HTML 8Page - Intersil Corporation ISL28230 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
+
-
DCP
ADC
DAC
Signal
Sensor
Digital
Processing
Voltage
Reference
DCP
Amp
Amp
DCP
Power
Management
Amp
Interface
Timing &
Control (RTC)
Battery
Management
AC/ DC
OR
Integratd FET
Regulators
Switching
Controller
LDO
Monitor
&
Sequencer
Logic/
SDRAM
CPU
DSP/
FPGA
Intersil Signal Path Products  2012  www.intersil.com
3
DCPs
(page 20)
• Non-volatile, volatile
• EEPROM endurance = 1M
cycles & retains data for 50
years
• Operate up to 125°C
• 16 to 1024 taps
• I2C/SPI/Up-Down/Push Button
Power Management
(page 40)
• Integrated FET switching
regulators
• Hot plug controllers
• LDO / linear regulators
Interface
(page 16)
• RS-232
• RS-485/422
• I2C buffer
• Dual protocol
RTCs
(page 8)
• High accuracy (low drift) with
low parts count
• Power supervisory and
backup management
functions
• 3 in 1 Module - Feature-Rich
RTC with onboard crystal and
temperature compensation
Precision
Voltage References
(page 38)
Lowest power voltage references:
• Excellent balance of power versus
performance
• Among the industry’s best temperature
drift and accuracy performances
• Industry’s lowest power, low noise voltage
reference offering
Patient Monitors (page 7)
Process Control (page 4)
Weigh Scale (page 5)
Data Acquisition System
(page 6)


Số phần tương tự - ISL28230

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28230 INTERSIL-ISL28230 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28230 INTERSIL-ISL28230 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28230 RENESAS-ISL28230 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28230 INTERSIL-ISL28230 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28230CBZ INTERSIL-ISL28230CBZ Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

Mô tả tương tự - ISL28230

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
D+H Mechatronic AG
CDP-TW3000-BSY DH-CDP-TW3000-BSY Datasheet
430Kb / 3P
   High-performance chain drives
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Winchester Electronics ...
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
   THE CAP, CHAIN
logo
Advanced Thermal Soluti...
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
logo
STMicroelectronics
AN3070 STMICROELECTRONICS-AN3070 Datasheet
197Kb / 12P
   Managing the Driver Enable signal for RS-485 and IO-Link
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com