công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC1G07DTT1G bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC74VHC1G07DTT1G
Giải thích chi tiết về linh kiện  Single Non-Inverting Buffer with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G07DTT1G bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC74VHC1G07DTT1G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G07DTT1G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G07DTT1G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G07DTT1G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G07DTT1G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G07DTT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHC1G07
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
*0.5 to )7.0
V
IIK
DC Input Diode Current
*20
mA
IOK
DC Output Diode Current
VOUT t GND; VOUT u VCC
)20
mA
IOUT
DC Output Sink Current, per Pin
)25
mA
ICC
DC Supply Current, VCC and GND Pin
+50
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
)150
°C
qJA
Thermal Resistance
SC70−5/SC−88A/SOT−353 (Note 1)
SOT23−5/TSOP−5/SC59−5
350
230
°C/W
PD
Power Dissipation in Still Air at 85°CSC70−5/SC−88A/SOT−353
SOT23−5/TSOP−5/SC59−5
150
200
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
u2000
u200
N/A
V
ILATCHUP
Latchup Performance
Above VCC and Below GND at 125°C (Note 5)
$500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
VIN
DC Input Voltage
0.0
5.5
V
VOUT
DC Output Voltage
0.0
7.0
V
TA
Operating Temperature Range
*55
)125
°C
tr , tf
Input Rise and Fall Time
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
100
20
ns/V
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature °C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time Junction Temperature
TIME, YEARS


Số phần tương tự - MC74VHC1G07DTT1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC1G07DTT1G ONSEMI-MC74VHC1G07DTT1G Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
MC74VHC1G07DTT1G ONSEMI-MC74VHC1G07DTT1G Datasheet
206Kb / 14P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 19
MC74VHC1G07DTT1G ONSEMI-MC74VHC1G07DTT1G Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
MC74VHC1G07DTT1G ONSEMI-MC74VHC1G07DTT1G Datasheet
265Kb / 10P
   nullSingle Non-Inverting Buffer with Open Drain Output
Rev. A
More results

Mô tả tương tự - MC74VHC1G07DTT1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
NLU1G07 ONSEMI-NLU1G07 Datasheet
102Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_V01 Datasheet
160Kb / 13P
   Single Non-Inverting Buffer with Open Drain Output
May, 2022 - Rev. 21
NL17SZ07 ONSEMI-NL17SZ07_12 Datasheet
107Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
April, 2012 ??Rev. 11
NLU1G07 ONSEMI-NLU1G07_16 Datasheet
141Kb / 7P
   Single Non-Inverting Buffer with Open Drain Output
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com