công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISLA216P25 bảng dữ liệu(PDF) 7 Page - Intersil Corporation |
|
ISLA216P25 bảng dữ liệu(HTML) 7 Page - Intersil Corporation |
7 / 44 page Intersil Signal Path Products 2012 www.intersil.com 7 Key Products Communication or Telemetry Biometric Analog /Digital Modules LCD Module + Display User Interface Power ECG/EKG SpO2 Blood Pressure Body Temperature Respiratory Signal Processor System I/F & Control Core & I/O Power System Power AC/DC Battery Charger Fuel Gauge Battery Management Audio Amp Interface Level Translator Display I/F Touch Screen Control Wireless Ethernet IN AMP Precision Op Amp Voltage Ref Switch Mux A/D DCP USB/KBD Memory OR Ambient Light Sensor SD CARD Product Type Part Number Target Applications/Where used Key Features / Benefits Precision Amplifiers Low Noise (0.1 to 10Hz) ISL28127/227, ISL28134, ISL28117/217/417, ISL28118/218, ISL28107/207/407, ISL28136/236, ISL28110/210, ISL28133/233/433, EL8176 Low Cost Op Amps ISL28113/213/413 ISL28114/214/414 ISL28130/230/430 ECG, EEG Imaging Body probe front-ends, RF rectification, secondary stage, gain/filtering, right leg drive. Required for accuracy of signal conditioning. Blood Pressure and Body Temperature Low noise gain frontends for thermocouple. Precision amps required for accuracy of signal conditioning. Pulse Oximeters Transimpedance front end. High impedance, charge amps Respiratory/anesthesia Sensor front end, high impedance, low noise, low drift ⋅ High impedance inputs ⋅ Low noise (0.1 to 10Hz) ⋅ Low noise gain amplification ⋅ Low offset and low drift Instrumentation Amplifiers Low Power In-Amps EL8172/72, ISL28273 40V Precision, Low Noise In-Amp ISL28617 ECG, EEG Imaging Portable, 5V body potential probe gain amp Blood Pressure and Body Temperature Sensor amp front end ⋅ High CMRR ⋅ Low offset drift ⋅ Multiple channel In-Amps Digital Potentiometers (DCPs) Precision DCP ISL22317 End-user Adjustment Controlling display contrast or backlight, drip rate, dosage, etc Sensor Front ends (Blood Pressure, Pulse Oximeters, Respiratory/anesthesia, ECG) Compensate and gain small signal from the sensor. ⋅ 1st low voltage 1% accurate DCP to reduce additional calibration Low Voltage, Volatile DCPs ISL233x5/ISL234x5 ⋅ Industry’s lowest operating voltage DCP Interface RS-232 ISL4221E, ISL3232E, ISL4243E RS-485 ISL317xE, ISL315xE, ISL3249xE System and Control Serial communication port ⋅ High ESD protection ⋅ Small packages ⋅ Over voltage protected Voltage Level Translators ISL303xE SD Memory Card & Other Applications Used to interface mixed voltage devices VL as low as 1.5V up to 3.3V VCC ⋅ Highest ESD protection ⋅ Small leadless packages Switches/ MUXes ISL43640, ISL43681, HI-509A, HI-546, DG408, DG409 Front-end multiplexing ⋅ Low power ⋅ Small size ⋅ Low leakage Voltage Reference High Precision: ISL21009, ISL21090, ISL60002, X60003, ISL21060 Low Cost: ISL21070, ISL21080, ISL21010 Reference for converters, micro-controllers ⋅ Low noise, low drift, low long term drift, low power Analog-Digital Converters 24-bit Delta-Sigma ADCs ISL26132, ISL26134 Temperature Sensing Body/Fluid Temperature ⋅ Low noise/high accuracy ⋅ Low cost ⋅ Complete solution ISL26102, ISL26104 Diagnostic ECG Precision wide-bandwidth ECG ⋅ Low noise up to 4000SPS ⋅ Integrated PGA ensures measurement accuracy ⋅ Complete cost-effective solution 10, 12-bit SAR ADCs ISL263xx Multichannel Family 125kSPS, 250kSPS Blood Pressure, Fluid Flow Sensing ⋅ Cost-effective multiple-channel monitoring ⋅ Buffered inputs reduce board space, solution cost ⋅ Low power, low cost ISL267xx Low-Cost Family 20kSPS to 1MSPS Blood Pressure, Fluid Pressure, Fluid Flow Sensing Compact Packages for Remote Sensors ⋅ High accuracy, low-distortion measurement ⋅ Low power, low cost ⋅ Compact packages including 3x3mm TDFN Intersil’s Solutions For Patient Monitors |
Số phần tương tự - ISLA216P25 |
|
Mô tả tương tự - ISLA216P25 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |