công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC1G07 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74VHC1G07
Giải thích chi tiết về linh kiện  Single Non-Inverting Buffer with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G07 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74VHC1G07_11 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G07_11 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G07_11 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G07_11 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G07_11 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G07_11 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 17
1
Publication Order Number:
MC74VHC1G07/D
MC74VHC1G07
Single Non-Inverting Buffer
with Open Drain Output
The MC74VHC1G07 is an advanced high speed CMOS buffer with
open drain output fabricated with silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including a
buffer and an open drain output which provides the capability to set the
output switching level. This allows the MC74VHC1G07 to be used to
interface any 2 V to 5.5 V circuit to circuits of any voltage between
1.5 V and 7 V using an external resistor and power supply.
The MC74VHC1G07 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 3.8 ns (Typ) at VCC = 5 V
Low Internal Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 105
These Devices are Pb−Free and are RoHS Compliant
VCC
NC
IN A
OUT Y
GND
IN A
OUT Y
1
OVT
Figure 1. Pinout
Figure 2. Logic Symbol
1
2
3
4
5
FUNCTION TABLE
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
L
H
A Input
Y Output
L
Z
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
http://onsemi.com
MARKING
DIAGRAMS
V7
= Device Code
M
= Date Code*
G
= Pb−Free Package
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
V7 M G
G
1
5
V7 M G
G
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.


Số phần tương tự - MC74VHC1G07_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
MC74VHC1G07 ONSEMI-MC74VHC1G07_18 Datasheet
206Kb / 14P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 19
More results

Mô tả tương tự - MC74VHC1G07_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
NLU1G07 ONSEMI-NLU1G07 Datasheet
102Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_V01 Datasheet
160Kb / 13P
   Single Non-Inverting Buffer with Open Drain Output
May, 2022 - Rev. 21
NL17SZ07 ONSEMI-NL17SZ07_12 Datasheet
107Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
April, 2012 ??Rev. 11
NLU1G07 ONSEMI-NLU1G07_16 Datasheet
141Kb / 7P
   Single Non-Inverting Buffer with Open Drain Output
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com