công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23445 bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISL23445
Giải thích chi tiết về linh kiện  Providing high-performance solutions for every link in the signal chain
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23445 bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ISL23445 Datasheet HTML 5Page - Intersil Corporation ISL23445 Datasheet HTML 6Page - Intersil Corporation ISL23445 Datasheet HTML 7Page - Intersil Corporation ISL23445 Datasheet HTML 8Page - Intersil Corporation ISL23445 Datasheet HTML 9Page - Intersil Corporation ISL23445 Datasheet HTML 10Page - Intersil Corporation ISL23445 Datasheet HTML 11Page - Intersil Corporation ISL23445 Datasheet HTML 12Page - Intersil Corporation ISL23445 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Intersil Signal Path Products  2012  www.intersil.com
9
µP
ISL12032
Crystal
Oscillator
Power
Functions
Battery Switch
Circuitry &
Trickle Charger
Serial
Interface
Decoder
AC Clock
Input
Event Detect
with Time
Stamp
2 Alarms
I2C
VDD
VBAT
FOUT
AC Clock
Battery or
SuperCap
Power On
Reset
Battery
Status
Monitor
2.7V to 5.5V
1.8V to 5.5V
Clock
Calendar
Battery-
backed
User SRAM
VDD Power
Brownout
Monitor
Feature-Rich RTC: ISL12032
Low Power RTC
with Battery Backed
SRAM and 50/60
Cycle AC Input and
Xtal Back-up
Key Features
• Longer Super Capacitor Life
- Integrated trickle charger
- Four selectable charging rates
• Power Failure Safety Feature
- Dynamically switch from AC clock input to
crystal
• Security and Event Functions
- Stores first and last three event time stamps
• User Programmability
- I2C interface
- 128 bytes battery- backed user SRAM
• See Also
- ISL12030 (Industry-Standard 8-lead SOIC
package)
Feature-Rich RTC with 50/60 Cycle AC Input
Redundant Crystal Input
(ISL12032) for Clock
50/60Hz AC Input
AC input line
provides long term,
high accuracy, and
eliminates the need
for an external crystal.
Dual Alarms
Integrated
Trickle Charger
Dynamically Switch
Device
IBAT
(nA)
Alarms
Selectable
Frequency
Output
CPU Supervisory
Function
Battery
IRQ
FOUT
SRAM
Other Functions
Package
POR
Watch-
dog
Timer
Seal Backup
With 50/60 Cycle AC Input
ISL12030
N/A
2
N
N
N
N
N
Y
N
128 Bytes
• AC Input
8 Ld SOIC
ISL12032
800
2
7
Y
Y
N
Y
Y
Y
128 Bytes
• AC Input
• Crystal Backup
• Trickle Charger
14 Ld TSSOP
High Precision RTC with On-Chip Temperature Sensor
ISL12022
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes
• Battery Switchover Time
Stamp
• Battery Status Monitor
8 Ld SOIC
ISL12023
1000
1
15
N
N
Y
Y
Dedicated
Pin
Dedicated
Pin
128 Bytes
• Battery Switchover Time
Stamp
• Battery Status Monitor
14 Ld TSSOP
With Embedded Unique ID
ISL12024
850
2
3
N
N
Y
Y
Shared Pin
512x8-Bit EEPROM • 64-bit Unique ID
8 Ld SOIC, 8 Ld TSSOP
ISL12024IRTCZ
850
2
3
N
N
Y
Y
Shared Pin
512x8-Bit EEPROM • 64-bit Unique ID
8 Ld TDFN
ISL12025
850
2
Y
Y
Y
Y
-
-
512x8-Bit EEPROM • 64-bit Unique ID
• CPU Supervisor
8 Ld SOIC, 8 Ld TSSOP
With Integrated EEPROM and CPU Supervisory Functions
ISL12026
850
2
3
N
N
Y
Y
Shared Pin
512x8-Bit EEPROM
8 Ld SOIC, 8 Ld TSSOP
ISL12026A
850
2
3
N
N
Y
Y
Shared Pin
512x8-Bit EEPROM
8 Ld SOIC, 8 Ld TSSOP
ISL12027
850
2
Y
Y
Y
Y
-
-
512x8-Bit EEPROM
8 Ld SOIC, 8 Ld TSSOP
ISL12028
ISL12029
850
2
3
Y
Y
Y
Y
Shared Pin
512x8-Bit EEPROM
14 Ld SOIC,
14 Ld TSSOP
Feature-Rich RTCs


Số phần tương tự - ISL23445

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23445TFRZ INTERSIL-ISL23445TFRZ Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23445TFRZ RENESAS-ISL23445TFRZ Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results

Mô tả tương tự - ISL23445

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
D+H Mechatronic AG
CDP-TW3000-BSY DH-CDP-TW3000-BSY Datasheet
430Kb / 3P
   High-performance chain drives
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Winchester Electronics ...
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
   THE CAP, CHAIN
logo
Advanced Thermal Soluti...
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
logo
STMicroelectronics
AN3070 STMICROELECTRONICS-AN3070 Datasheet
197Kb / 12P
   Managing the Driver Enable signal for RS-485 and IO-Link
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com