công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23428 bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện ISL23428
Giải thích chi tiết về linh kiện  Providing high-performance solutions for every link in the signal chain
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23428 bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button ISL23428 Datasheet HTML 2Page - Intersil Corporation ISL23428 Datasheet HTML 3Page - Intersil Corporation ISL23428 Datasheet HTML 4Page - Intersil Corporation ISL23428 Datasheet HTML 5Page - Intersil Corporation ISL23428 Datasheet HTML 6Page - Intersil Corporation ISL23428 Datasheet HTML 7Page - Intersil Corporation ISL23428 Datasheet HTML 8Page - Intersil Corporation ISL23428 Datasheet HTML 9Page - Intersil Corporation ISL23428 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
Intersil Signal Path Products  2012  www.intersil.com
Key Products
Product Type
Part Number
Target Applications
Differentiator
Lowest Power, High
Performance HS ADCs
12 Bit 500MSPS HS ADC
ISLA112P50, KAD5512P-50
High speed data acquisition
Spectrum analyzers
Communication analyzers
Digital oscilloscopes
Much lower power enables compact design
Enables portable designs (battery operation)
Highest dynamic range improves measurement
accuracy
High Linearity, Low Power DACs 14-Bit 270MSPS HS DAC
ISL5957
Arbitrary waveform generator (AWG)
RF signal generators
Automatic test equipment (ATE)
Excellent SFDR eases filtering requirements
Low power eases thermal design
Dual available for multi-channel applications
Fastest and Lowest Power HS
Op Amps
1.4GHz Current Feedback
Amplifier (AC-coupled)
EL5166
500MHz Rail-to-Rail Op Amp
(DC-coupled)
EL8102
Same applications as those of HS ADCs and
DACs
Best-in-class speed, linearity, and power for
driving/ buffering HS ADCs/DACs in data
acquisition systems
DCPs
ISL95811, ISL22316 (I2C),
ISL22416 (SPI)
Adjusts the offset of the high speed op amp
in data acquisition products
World’s largest offering of nonvolatile DCPs
“Set and Forget” with EEPROM in DCPs
Precision Op Amps
ISL28110/210, ISL28127/227,
ISL28136/236, ISL28118/218,
ISL28134, ISL28117/217/417
Data acquisition
DSO
Low noise, high voltage, rail-to-rail output, high
input impedance, robust inputs
Voltage References
Low Noise References
ISL21009, ISL21090
Used as active sources for sensors
Low noise
Low power
Low Cost References
ISL21070, ISL21080, ISL60002,
ISL21010
Accurate voltage sources for data conversion
Instrumentation Amp
Low Noise, High Voltage, Rail-
to-Rail Output, Integrated ADC
Driver
ISL28617
Data acquisition
Low noise
High voltage
Rail-to-rail output
Integrated ADC driver
HS
Op Amp
HS ADC
LO
Generation
ADC
Vref
PWM
HS
Op Amp
DCP
LDO
Down Conversion Stage in
Spectrum Analyzers Only
Offset Adjust in Digital
Oscilloscopes Only
Precision
Op Amp
FPGA
Spectrum
Analyzer RF Input
Oscilloscope ½
Channel Input
Intersil’s Solutions For
Data Acquisition System


Số phần tương tự - ISL23428

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 INTERSIL-ISL23428 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23428TFRUZ-T7A INTERSIL-ISL23428TFRUZ-T7A Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428TFRUZ-T7A INTERSIL-ISL23428TFRUZ-T7A Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
More results

Mô tả tương tự - ISL23428

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
D+H Mechatronic AG
CDP-TW3000-BSY DH-CDP-TW3000-BSY Datasheet
430Kb / 3P
   High-performance chain drives
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Winchester Electronics ...
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
   THE CAP, CHAIN
logo
Advanced Thermal Soluti...
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
logo
STMicroelectronics
AN3070 STMICROELECTRONICS-AN3070 Datasheet
197Kb / 12P
   Managing the Driver Enable signal for RS-485 and IO-Link
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com