công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23425 bảng dữ liệu(PDF) 10 Page - Intersil Corporation

tên linh kiện ISL23425
Giải thích chi tiết về linh kiện  Providing high-performance solutions for every link in the signal chain
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23425 bảng dữ liệu(HTML) 10 Page - Intersil Corporation

Back Button ISL23425 Datasheet HTML 6Page - Intersil Corporation ISL23425 Datasheet HTML 7Page - Intersil Corporation ISL23425 Datasheet HTML 8Page - Intersil Corporation ISL23425 Datasheet HTML 9Page - Intersil Corporation ISL23425 Datasheet HTML 10Page - Intersil Corporation ISL23425 Datasheet HTML 11Page - Intersil Corporation ISL23425 Datasheet HTML 12Page - Intersil Corporation ISL23425 Datasheet HTML 13Page - Intersil Corporation ISL23425 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
Intersil Signal Path Products  2012  www.intersil.com
Add Battery Backup to a Low Cost RTC
Without a VBAT Input
Low-Cost, Low-Power RTC: ISL12058
World’s Smallest, Low
Cost and Low Power
RTC
Device
IBAT
(nA)
Alarms
Selectable
Frequency
Output
CPU Supervisory
Function
Battery
IRQ
FOUT
SRAM
Other
Functions
Package
POR
Watchdog Timer Seal
Backup
With Battery Backup
ISL12008
800
1
1
N
N
Y
Y
-
Dedicated Pin
8 Ld SOIC
With Battery Backed SRAM
ISL1208
400
1
15
N
N
Y
Y
Shared Pin
2 Bytes
8 Ld MSOP, 8 Ld SOIC,
8 Ld TDFN
ISL1218
400
1
15
N
N
Y
Y
Shared Pin
8 Bytes
8 Ld MSOP, 8 Ld SOIC
ISL1220
400
1
15
N
N
Y
Y
Dedicated Pin
Dedicated Pin
8 Bytes
10 Ld MSOP
With Battery Backed SRAM and Event Detection
ISL1209
400
1
15
N
N
Y
Y
Shared Pin
2 Bytes
• Event Detect
10 Ld MSOP
ISL1219
400
1
15
N
N
Y
Y
Shared Pin
2 Bytes
• Event Detect
• Time Stamp
10 Ld MSOP
ISL1221
400
1
15
N
N
Y
Y
Dedicated Pin
Dedicated Pin
2 Bytes
• Event Detect
• Time Stamp
10 Ld MSOP
With IRQs, Alarm and Timer
ISL12057
400
2
4
N
N
N
N
Shared Pin
N
• 3V
8 Ld SOIC, 8 Ld MSOP,
8 Ld TDFN
ISL12058
400
2
4
N
N
N
N
Shared Pin
N
• 3V
8 Ld SOIC, 8 Ld MSOP,
8 Ld TDFN, 8 Ld
µTDFN
ISL12059
400
0
1
N
N
N
N
Shared Pin
N
• 3V
8 Ld SOIC
ISL12082
800
1
4
N
N
Y
Y
Dedicated Pin
Dedicated Pin
N
• Alarm
• Timer
10 Ld MSOP, 8 Ld SOIC
VDD
VIN = 3.3V
GND
0.1µF
VBAT =3V
BAT54C
ISL12058
Key Features
• Low Power
- Time keeping current = 650nA max @ 1.8V
• Ideal for Portable Applications
- Operates over 1.4V to 3.6V supplies
• 56% Smaller than Competitive Solutions
- 8-µTDFN (2x2x0.55mm)
• Easy to Design-in
- Pin-to-pin replacement: 8-tDFN (3x3mm), 8-MSOP,
8-SOIC
• User Programmability
- I2C interface
- Selectable frequency outputs and alarms
• See Also:
- ISL12057 (uses crystal: 6pF || load capacitance)
- ISL12059 (FOUT = 512Hz, no alarm)
Low-Cost, Low-Power


Số phần tương tự - ISL23425

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 INTERSIL-ISL23425 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23425TFRUZ-T7A INTERSIL-ISL23425TFRUZ-T7A Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23425TFRUZ-T7A RENESAS-ISL23425TFRUZ-T7A Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Mô tả tương tự - ISL23425

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
D+H Mechatronic AG
CDP-TW3000-BSY DH-CDP-TW3000-BSY Datasheet
430Kb / 3P
   High-performance chain drives
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Winchester Electronics ...
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
   THE CAP, CHAIN
logo
Advanced Thermal Soluti...
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
logo
STMicroelectronics
AN3070 STMICROELECTRONICS-AN3070 Datasheet
197Kb / 12P
   Managing the Driver Enable signal for RS-485 and IO-Link
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com