công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT365ADTG bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC74HCT365ADTG
Giải thích chi tiết về linh kiện  Hex 3-State Noninverting Buffer with Common Enables and LSTTL Compatible Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT365ADTG bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC74HCT365ADTG Datasheet HTML 1Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 2Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 3Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 4Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 5Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 6Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74HCT365A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
– 55 to
25_C
v 85_C
v 125_C
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 3)
4.5
24
30
36
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Output Y
(Figures 2 and 4)
4.5
44
55
66
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Output Y
(Figures 2 and 4)
4.5
44
55
66
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
4.5
12
15
18
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three−State Output Capacitance
(Output in High−Impedance State)
15
15
15
pF
CPD
Power Dissipation Capacitance (Per Buffer)*
Typical @ 25°C, VCC = 5.0 V
pF
60
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.


Số phần tương tự - MC74HCT365ADTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT366A ONSEMI-MC74HCT366A Datasheet
131Kb / 7P
   Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
MC74HCT366ADG ONSEMI-MC74HCT366ADG Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT366ADG ONSEMI-MC74HCT366ADG Datasheet
131Kb / 7P
   Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
MC74HCT366ADR2G ONSEMI-MC74HCT366ADR2G Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results

Mô tả tương tự - MC74HCT365ADTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
logo
KODENSHI_AUK CORP.
KK74HC365A KODENSHI-KK74HC365A Datasheet
222Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables
logo
Motorola, Inc
MC54-74HC365 MOTOROLA-MC54-74HC365 Datasheet
198Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A Datasheet
161Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
December, 2009 ??Rev. 2
logo
System Logic Semiconduc...
SL74HC365 SLS-SL74HC365 Datasheet
46Kb / 5P
   Hex 3-State Noninverting Buffer with Common Enables
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A_V01 Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
MC74HCT125A ONSEMI-MC74HCT125A Datasheet
169Kb / 8P
   Quad 3-State Noninverting Buffer with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
logo
Motorola, Inc
MC54HCT244A MOTOROLA-MC54HCT244A Datasheet
115Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com