công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT365ADTG bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC74HCT365ADTG
Giải thích chi tiết về linh kiện  Hex 3-State Noninverting Buffer with Common Enables and LSTTL Compatible Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT365ADTG bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC74HCT365ADTG Datasheet HTML 1Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 2Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 3Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 4Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 5Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 6Page - ON Semiconductor MC74HCT365ADTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74HCT365A
http://onsemi.com
5
SWITCHING WAVEFORMS
(VI = 0 to 3 V, VM = 1.3 V)
VCC
GND
tf
tr
INPUT A
(VI)
OUTPUT Y
10%
VM
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
OUTPUT ENABLE
(VI)
OUTPUT Y
OUTPUT Y
VM
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
Figure 1.
Figure 2.
TEST CIRCUITS
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
Ω
Figure 3.
Figure 4.
INPUT A
OUTPUT ENABLE 1
OUTPUT ENABLE 2
VCC
TO OTHER
FIVE BUFFERS
Y
LOGIC DETAIL
ONE OF 6
BUFFERS


Số phần tương tự - MC74HCT365ADTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT366A ONSEMI-MC74HCT366A Datasheet
131Kb / 7P
   Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
MC74HCT366ADG ONSEMI-MC74HCT366ADG Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT366ADG ONSEMI-MC74HCT366ADG Datasheet
131Kb / 7P
   Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
MC74HCT366ADR2G ONSEMI-MC74HCT366ADR2G Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results

Mô tả tương tự - MC74HCT365ADTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
logo
KODENSHI_AUK CORP.
KK74HC365A KODENSHI-KK74HC365A Datasheet
222Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables
logo
Motorola, Inc
MC54-74HC365 MOTOROLA-MC54-74HC365 Datasheet
198Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A Datasheet
161Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
December, 2009 ??Rev. 2
logo
System Logic Semiconduc...
SL74HC365 SLS-SL74HC365 Datasheet
46Kb / 5P
   Hex 3-State Noninverting Buffer with Common Enables
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A_V01 Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
MC74HCT125A ONSEMI-MC74HCT125A Datasheet
169Kb / 8P
   Quad 3-State Noninverting Buffer with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
logo
Motorola, Inc
MC54HCT244A MOTOROLA-MC54HCT244A Datasheet
115Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com